Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9812 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9812
Description  Multistandard VIF-PLL and FM-PLL/AM demodulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9812 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9812 Datasheet HTML 14Page - NXP Semiconductors TDA9812 Datasheet HTML 15Page - NXP Semiconductors TDA9812 Datasheet HTML 16Page - NXP Semiconductors TDA9812 Datasheet HTML 17Page - NXP Semiconductors TDA9812 Datasheet HTML 18Page - NXP Semiconductors TDA9812 Datasheet HTML 19Page - NXP Semiconductors TDA9812 Datasheet HTML 20Page - NXP Semiconductors TDA9812 Datasheet HTML 21Page - NXP Semiconductors TDA9812 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
1995 Mar 21
18
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL and
FM-PLL/AM demodulator
TDA9812
12. The intermodulation figures are defined:
α1.1 = 20 log (V0 at 4.4 MHz/V0 at 1.1 MHz) + 3.6 dB; α1.1 value at 1.1 MHz
referenced to black/white signal;
α3.3 = 20 log (V0 at 4.4 MHz/V0 at 3.3 MHz); α3.3 value at 3.3 MHz referenced to
colour carrier.
13. Response speed valid for a VIF input level range of 200
µVupto70mV.
14. To match the AFC output signal to different tuning systems a current source output is provided. The test circuit is
given in Fig.12. The AFC-steepness can be changed by the resistors at pin 23.
15. Depending on the ratio
∆C/C0 of the LC resonant circuit of VCO (Q > 50; see note 3; C0 =Cint +Cext).
16. Source impedance: 2.3 k
Ω in parallel to 12 pF (SAW filter); fIF = 38.9 MHz.
17. The intercarrier output signal at pin 20 can be calculated by the following formula taking into account the video output
signal at pin 21 (Vo video(p-p) = 1 V typical) as a reference:
with
= correction term for RMS value,
= sound-to-picture carrier ratio at VIF input (pins 1 and 2) in dB,
6 dB = correction term of internal circuitry
and
±3 dB = tolerance of video output and intercarrier output amplitude V
o(rms).
Example: SAW filter G1962 (sound shelf: 20 dB)
⇒⇒ V
o(rms) = 32 mV typical.
18. Input level for second IF from an external generator with 50
Ω source impedance. AC-coupled with 10 nF capacitor,
fmod = 1 kHz, 27 kHz (54% FM deviation) of audio references. A VIF/SIF input signal is not permitted. Pins 8 and 28
have to be connected to positive supply voltage for minimum IF gain. S/N and THD measurements are taken at 50
µs
de-emphasis.
Second IF input level 10 mV RMS.
19. Measured with an FM deviation of 27 kHz the typical AF output signal is 500 mV RMS (Rx =0 Ω; see Fig.17). By
using Rx = 470 Ω the AF output signal is attenuated by 6 dB (250 mV RMS). For handling an FM deviation of more
than 53 kHz the AF output signal has to be reduced by using Rx in order to avoid clipping (THD < 1.5%). For an FM
deviation up to 100 kHz an attenuation of 6 dB is recommended with Rx = 470 Ω.
20. The leakage current of the decoupling capacitor (2.2
µF) should not exceed 1 µA.
21. For all S/N measurements the used vision IF modulator has to meet the following specifications:
Incidental phase modulation for black-to-white jump less than 0.5 degrees.
Picture-to-sound carrier ratio; PC/SC = 13 dB; (transmitter).
Sound shelf of VIF SAW filter: minimum 20 dB.
22. Measurements taken with SAW filter K6256 (Siemens) for vision and sound IF (sound shelf: 20 dB). Input level
Vi SIF = 10 mV RMS, 27 kHz (54% FM deviation).
23. The PC/SC ratio at pins 1 and 2 is calculated as the addition of TV transmitter PC/SC ratio and SAW filter PC/SC
ratio. This PC/SC ratio is necessary to achieve the S/N(W) values as noted. A different PC/SC ratio will change these
values.
24. Measurements taken with SAW filter L9453 (Siemens) for AM sound IF (suppressed picture carrier).
25. The input voltage has to be V > 2.8 V, or open-circuit.
V
o rms
()
1V
pp
–
()
1
22
-----------
×
10
V
iSC
V
iPC
------------
dB
() 6dB 3 dB
±
+
20
---------------------------------------------------------------
×
=
1
22
-----------
V
iSC
V
iPC
------------
dB
()
V
iSC
V
iPC
------------
27 dB
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com