Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62023L Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62023L
Description  System Reset IC with Switch for 3V Memory Back-up
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62023L Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62023L Datasheet HTML 3Page - Renesas Technology Corp M62023L Datasheet HTML 4Page - Renesas Technology Corp M62023L Datasheet HTML 5Page - Renesas Technology Corp M62023L Datasheet HTML 6Page - Renesas Technology Corp M62023L Datasheet HTML 7Page - Renesas Technology Corp M62023L Datasheet HTML 8Page - Renesas Technology Corp M62023L Datasheet HTML 9Page - Renesas Technology Corp M62023L Datasheet HTML 10Page - Renesas Technology Corp M62023L Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
M62023L/P/FP
REJ03D0528-0200 Rev.2.00 Jun 15, 2007
Page 7 of 12
Timing Chart
tpd
tpd
VSH
VSL
VOL(
CS)
VOL(RES)
VOL(
RES)
VOH(
RES)
V1
V1=VIN-VDROP
V2=VIN-VEB(SW Tr.)
V3=VBAT-VF
V2
V2
V3
VIN
VOUT
RES
CS
RES
3V
3V
0V
V3
VIN(VSL)
VIN(VSL)
∆Vs
Input voltage
In normal operation
In failure
(instantaneous drop)
Restoration from failure
(instantaneous drop)
In backup state
Output
pin
Input voltage: 3V
Input voltage: 3V
→2V
Each output varies if the input
voltage drops to VSL or under
Input voltage: 2V
→3V
If the input voltage goes higher
than VSL by 100mV, each output
varies after delay produced by
the delay circuit.
Input voltage: 0V
Backup voltage: 3V
VOUT
With SW Tr. set to ON, a
voltage (VIN-VDROP) is output.
SW Tr. is turned OFF. A voltage
(VIN-VEB) is output by the diode
between E and B of SW Tr.
SW Tr. is turned ON after delay
and a voltage (VIN-VDROP) is
output.
VBAT-VF
RES
The output level is
VOL (RES) with a logic low.
As the state shifts from a logic low
to logic high, the output level
becomes approximately equal to
the input voltage.
A logic high is maintained, and
then shifts to a logic low.
RES
The output level is VOH(RES)
with a logic high.
As the state shifts from a logic
high to logic low, the output level
becomes VOL(RES)
A logic low is maintained, and
then shifts to a logic high.
CS
The output level is VOL(CS)
with a logic low.
As the state shifts from a logic low
to logic high, the output level
becomes the voltage VIN-VEB.
A logic high is maintained, and
then shifts to a logic low.
The output is a logic
high and the output
level is VBAT-VF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com