Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62023L Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62023L
Description  System Reset IC with Switch for 3V Memory Back-up
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62023L Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62023L Datasheet HTML 4Page - Renesas Technology Corp M62023L Datasheet HTML 5Page - Renesas Technology Corp M62023L Datasheet HTML 6Page - Renesas Technology Corp M62023L Datasheet HTML 7Page - Renesas Technology Corp M62023L Datasheet HTML 8Page - Renesas Technology Corp M62023L Datasheet HTML 9Page - Renesas Technology Corp M62023L Datasheet HTML 10Page - Renesas Technology Corp M62023L Datasheet HTML 11Page - Renesas Technology Corp M62023L Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
M62023L/P/FP
REJ03D0528-0200 Rev.2.00 Jun 15, 2007
Page 8 of 12
Typical Characteristics
Detection Voltage vs .
Ambient Temperature
020 40
80 100
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
-20
60
2.64
2.63
2.62
2.61
2.60
2.59
2.58
2.57
2.56
Thermal Derating (Maximum Rating)
0
200
400
600
800
1000
0
25
50
75
100
125
Ambient temperature Ta (°C)
M62023L
M62023P
M62023FP
Hysteresis Voltage vs .
Ambient Temperature
60
70
80
90
100
110
120
130
140
020 40
80 100
Tj = 25°C
-20
60
Circuit Current vs.
Ambient Temperature
Circuit Current vs.
Ambient Temperature
020 40
80 100
-20
60
2
3
4
5
6
7
8
9
10
VIN = 3V
020 40
80 100
-20
60
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VIN = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com