Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93AA76CT-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 93AA76CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA76CT-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 93AA76CT-E/MS Datasheet HTML 10Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 11Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 12Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 13Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 14Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 15Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 16Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 17Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 14
© 2007 Microchip Technology Inc.
3.7
READ
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 8-bit (If ORG pin is low or A-version
devices) or 16-bit (If ORG pin is high or B-version
devices) output string. The output data bits will toggle on
the rising edge of the CLK and are stable after the spec-
ified time delay (TPD). Sequential read is possible when
CS is held high. The memory data will automatically cycle
to the next register and output sequentially.
FIGURE 3-7:
READ TIMING
CS
CLK
DI
DO
11
0
An
•••
A0
High-Z
0
Dx
•••
D0
Dx
•••
D0
•••
Dx
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com