Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93AA76CT-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # 93AA76CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA76CT-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button 93AA76CT-E/MS Datasheet HTML 11Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 12Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 13Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 14Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 15Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 16Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 17Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 18Page - Microchip Technology 93AA76CT-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 15
93XX46X/56X/66X/76X/86X
3.8
WRITE
The WRITE instruction is followed by 8 bits (If ORG is
low or A-version devices) or 16 bits (If ORG pin is high
or B-version devices) of data which are written into the
specified address. For 93AAXX and 93LCXX devices,
after the last data bit is clocked into DI, the falling edge
of CS initiates the self-timed auto-erase and program-
ming cycle. For 93CXX devices, the self-timed auto-
erase and programming cycle is initiated by the rising
edge of CLK on the last data bit.
The DO pin indicates the Ready/Busy status of the
device, if CS is brought high after a minimum of 250 ns
low (TCSL). DO at logical ‘0’ indicates that programming
is still in progress. DO at logical ‘1’ indicates that the
register at the specified address has been written with
the data specified and the device is ready for another
instruction.
FIGURE 3-8:
WRITE TIMING FOR 93AAXX AND 93LCXX DEVICES
FIGURE 3-9:
WRITE TIMING FOR 93CXX DEVICES
Note:
For devices with PE functionality such as
the 93XX76C or 93XX86C, the write
sequence requires a logic high signal on
the PE pin prior to the rising edge of clock
on the last data bit.
Note:
After the Write cycle is complete, issuing a
Start bit and then taking CS low will clear
the Ready/Busy status from DO.
CS
CLK
DI
DO
1
0
1
An
•••
A0
Dx
•••
D0
Busy
Ready
High-Z
High-Z
Twc
TCSL
TCZ
TSV
CS
CLK
DI
DO
1
0
1
An
•••
A0
Dx
•••
D0
Busy
Ready
High-Z
High-Z
Twc
TCSL
TCZ
TSV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com