Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MFKB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013MFKB
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013MFKB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LT1013MFKB Datasheet HTML 8Page - Texas Instruments LT1013MFKB Datasheet HTML 9Page - Texas Instruments LT1013MFKB Datasheet HTML 10Page - Texas Instruments LT1013MFKB Datasheet HTML 11Page - Texas Instruments LT1013MFKB Datasheet HTML 12Page - Texas Instruments LT1013MFKB Datasheet HTML 13Page - Texas Instruments LT1013MFKB Datasheet HTML 14Page - Texas Instruments LT1013MFKB Datasheet HTML 15Page - Texas Instruments LT1013MFKB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
|VCC±| − Supply Voltage − V
10 k
INPUT OFFSET VOLTAGE
vs
SUPPLY VOLTAGE
1 k
3 k
30 k 100 k 300 k
1 M
3 M
10 M
0.01
0.1
1
10
RS
RS
−
+
VCC+ = 5 V, VCC− = 0
TA = −55°C to 125°C
VCC+ = 5 V
VCC− = 0
TA = 25°C
VCC± = ± 15V
TA = 25°C
VCC± = ±15 V
TA = −55°C to 125°C
Figure 1
Figure 2
TA − Free-Air Temperature − °C
200
125
100
75
50
25
0
150
100
50
0
−50
−100
−150
−200
−250
−50
−25
INPUT OFFSET VOLTAGE
OF REPRESENTATIVE UNITS
vs
FREE-AIR TEMPERATURE
VCC± = ±15 V
250
Figure 3
3
2
1
0
01
2
3
4
t − Time After Power-On − min
WARM-UP CHANGE
IN INPUT OFFSET VOLTAGE
vs
TIME AFTER POWER-ON
5
45
JG Package
VCC± = ±15 V
TA = 25°C
Figure 4
0.2
0
0
25
50
75
100
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
1
0.4
125
0.6
0.8
VIC = 0
VCC± =±2.5 V
VCC+ = 5 V, VCC− = 0
VCC± =±15 V
TA − Free-Air Temperature − °C
−50
−25
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com