Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MFKB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013MFKB
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013MFKB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LT1013MFKB Datasheet HTML 10Page - Texas Instruments LT1013MFKB Datasheet HTML 11Page - Texas Instruments LT1013MFKB Datasheet HTML 12Page - Texas Instruments LT1013MFKB Datasheet HTML 13Page - Texas Instruments LT1013MFKB Datasheet HTML 14Page - Texas Instruments LT1013MFKB Datasheet HTML 15Page - Texas Instruments LT1013MFKB Datasheet HTML 16Page - Texas Instruments LT1013MFKB Datasheet HTML 17Page - Texas Instruments LT1013MFKB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
f − Frequency − MHz
0.01
0.3
1
3
10
240
°
220
°
200
°
180
°
160
°
140
°
120
°
100
°
80
°
0
10
25
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
AVD
VCC+ = 5 V
VCC− = 0
VIC = 0
CL = 100 pF
TA = 25°C
20
15
5
VCC
± = ±15 V
VCC+ = 5 V
VCC− = 0
VCC± = ±15 V
Phase Shift
−10
−5
−15
Figure 9
60
20
0
−20
100
120
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
140
80
40
f − Frequency − Hz
0.01 0.1
1
10
100
1 k
10 k 100 k 1 M 10 M
CL = 100 pF
TA = 25°C
VCC+ = 5 V
VCC− = 0
VCC± = ±15 V
Figure 10
Figure 11
120
100
80
60
10
100
1 k
10 k
140
f − Frequency − Hz
CHANNEL SEPARATION
vs
FREQUENCY
160
100 k
1 M
Limited by
Thermal
Interaction
VCC± = ±15 V
VI(PP) = 20 V to 5 kHz
RL = 2 kΩ
TA = 25°C
RL = 1 kΩ
Limited by
Pin-to-Pin
Capacitance
RL = 100 Ω
1
0.1
0.01
OUTPUT SATURATION VOLTAGE
vs
FREE-AIR TEMPERATURE
10
TA − Free-Air Temperature − °C
−50
−25
0
25
50
75
100
125
Isink = 10 mA
Isink = 5 mA
Isink = 1 mA
Isink = 100
µA
Isink = 10
µA
Isink = 0
VCC+ = 5 V to 30 V
VCC− = 0
Figure 12
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com