Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD810 Datasheet(PDF) 7 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD810 Datasheet HTML 3Page - Analog Devices AD810 Datasheet HTML 4Page - Analog Devices AD810 Datasheet HTML 5Page - Analog Devices AD810 Datasheet HTML 6Page - Analog Devices AD810 Datasheet HTML 7Page - Analog Devices AD810 Datasheet HTML 8Page - Analog Devices AD810 Datasheet HTML 9Page - Analog Devices AD810 Datasheet HTML 10Page - Analog Devices AD810 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
AD810
Rev. B | Page 7 of 22
TYPICAL PERFORMANCE CHARACTERISTICS
20
15
10
5
0
0
20
15
10
5
SUPPLY VOLTAGE (±V)
NO LOAD
RL = 150Ω
Figure 6. Magnitude of the Output Voltage vs. Supply Voltage
35
30
25
20
15
10
5
0
10
10k
1k
100
LOAD RESISTANCE (Ω)
±15V SUPPLY
±5V SUPPLY
Figure 7. Output Voltage vs. Load Resistance
10
–10
–8
–6
–4
–2
0
2
4
6
8
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
NONINVERTING INPUT
VS = ±5V, ±15V
INVERTING INPUT
VS = ±5V, ±15V
Figure 8. Input Bias Current vs. Junction Temperature
10
4
9
8
7
6
5
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
VS = ±5V
Figure 9. Supply Current vs. Junction Temperature
10
–10
–8
–6
–4
–2
0
2
4
6
8
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
VS = ±5V
Figure 10. Input Offset Voltage vs. Junction Temperature
250
50
100
150
200
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
VS = ±5V
Figure 11. Short-Circuit Current vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com