Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD810 Datasheet(PDF) 19 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD810 Datasheet HTML 14Page - Analog Devices AD810 Datasheet HTML 15Page - Analog Devices AD810 Datasheet HTML 16Page - Analog Devices AD810 Datasheet HTML 17Page - Analog Devices AD810 Datasheet HTML 18Page - Analog Devices AD810 Datasheet HTML 19Page - Analog Devices AD810 Datasheet HTML 20Page - Analog Devices AD810 Datasheet HTML 21Page - Analog Devices AD810 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
AD810
Rev. B | Page 19 of 22
2:1 VIDEO MULTIPLEXER
The outputs of two AD810 devices can be wired together to
form a 2:1 mux without degrading the flatness of the gain response.
Figure 59 shows a recommended configuration that results in
−0.1 dB bandwidth of 20 MHz and off channel isolation of
77 dB at 10 MHz on ±5 V supplies. The time to switch between
channels is about 0.75 μs when the DISABLE pins are driven by
open-drain output logic. Adding pull-up resistors to the logic
outputs or using complementary output logic (such as the
74HC04) reduces the switching time to about 180 ns. The
switching time is only slightly affected by the signal level.
100
90
10
0%
500mV
5V
500ns
Figure 57. Channel Switching Time for the 2:1 Mux
–40
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
1100
10
FREQUENCY (MHz)
Figure 58. Isolation vs. Frequency for 2:1 Mux, Off Channel
750Ω
750Ω
75Ω
AD810
2
3
6
7
8
4
–5V
+5V 0.1µF
0.1µF
VINA
75Ω
VOUT
75Ω
75Ω
CABLE
750Ω
750Ω
75Ω
AD810
2
3
6
7
8
4
–5V
+5V 0.1µF
0.1µF
VINB
VSW
74HC04
Figure 59. A Fast Switching 2:1 Video Mux
–2.5
–1.5
–0.5
–3.0
–2.0
–1.0
0.5
0
1M
10M
100M
0
–45
–90
–135
–180
–225
–270
FREQUENCY (Hz)
PHASE
GAIN
VS = ±5V
Figure 60. Closed-Loop Gain and Phase Shift vs. Frequency for 2:1 Mux,
On Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com