Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2L02AQ3TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS2L02AQ3TR
Description  MEMS INERTIAL SENSOR: 2-axis - 짹2g/짹6g LINEAR ACCELEROMETER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L02AQ3TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS2L02AQ3TR Datasheet HTML 6Page - STMicroelectronics LIS2L02AQ3TR Datasheet HTML 7Page - STMicroelectronics LIS2L02AQ3TR Datasheet HTML 8Page - STMicroelectronics LIS2L02AQ3TR Datasheet HTML 9Page - STMicroelectronics LIS2L02AQ3TR Datasheet HTML 10Page - STMicroelectronics LIS2L02AQ3TR Datasheet HTML 11Page - STMicroelectronics LIS2L02AQ3TR Datasheet HTML 12Page - STMicroelectronics LIS2L02AQ3TR Datasheet HTML 13Page - STMicroelectronics LIS2L02AQ3TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
4 Application hints
LIS2L02AQ3
10/17
CD00059664
4
Application hints
Figure 3.
LIS2L02AQ3 Electrical Connection
Power supply decoupling capacitors (100nF ceramic or polyester + 10
µF Aluminum) should be
placed as near as possible to the device (common design practice).
The LIS2L02AQ3 allows to band limit Voutx, Vouty and Voutz through the use of external
capacitors. The re-commended frequency range spans from DC up to 1.5 KHz. In particular,
capacitors must be added at output pins to implement low-pass filtering for antialiasing and
noise reduction. The equation for the cut-off frequency (ft) of the external filters is:
Taking into account that the internal filtering resistor (Rout) has a nominal value equal to
110kOhm, the equation for the external filter cut-off frequency may be simplified as follows:
The tolerance of the internal resistor can vary typically of
within its nominal value of
110k
Ω; thus the cut-off frequency will vary accordingly. A minimum capacitance of 320 pF for
Cf(x, y, z) is required in any case.
res
Vout Y
100nF
LIS2L02AQ3
10
µF
Vdd
Vout X
GND
GND
Vdd
GND
1
44
34
33
11
12
22
23
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Cload x
Cload y
Y
1
X
(top view)
Optional
ST
Digital signals
GND
GND
Optional
f
t
1
2
π R
ou t Clo ad xyz
,,
()
⋅⋅
----------------------------------------------------------------
=
f
t
1.45
µF
C
loa d xy z
,,
()
-----------------------------------
=
20%
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com