Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE40P40K Datasheet(PDF) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # NCE40P40K
Description  P-channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

NCE40P40K Datasheet(HTML) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

  NCE40P40K Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED NCE40P40K Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED NCE40P40K Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED NCE40P40K Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED NCE40P40K Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P-channel Enhancement Mode Power MOSFET
Features
 VDS=
-40V, ID= -40A
RDS(ON) <
12mΩ @ VGS = -10V
RDS(ON) <
15mΩ @ VGS = -4.5V
●
Advanced Trench Technology
●
Provide Excellent RDS(ON) and Low Gate
Charge
●
Lead Free and Green Available
100% UIS TESTED!
100% ΔVds TESTED!
General Features
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-40
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
-25
A
Pulsed Drain Current
IDM
-50
A
Maximum Power Dissipation
PD
80
W
Derating factor
0.53
W/℃
Single pulse avalanche energy
(Note 5)
AS
E
544
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
1.88
℃
/W
www.bychip.cn
Pin Assignment
Schematic Diagram
TO-252-2L Top View
NCE40P40K
v1.0


Similar Part No. - NCE40P40K

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE40P40K VBSEMI-NCE40P40K Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results

Similar Description - NCE40P40K

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com