Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE40P40K Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # NCE40P40K
Description  P-channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

NCE40P40K Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  NCE40P40K Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED NCE40P40K Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED NCE40P40K Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED NCE40P40K Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED NCE40P40K Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
GS=0
V
V ID=-250μA
-40
-
-
V
Zero Gate Voltage Drain Current
IDSS
DS=-
V
40V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
GS=±
V
20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
DS=V
V
GS,ID=-250μA
-1.5
-1.9
-3.0
V
Drain-Source On-State Resistance
RDS(ON)
GS=
V
-10V, ID=-12A
-
12
14
mΩ
Forward Transconductance
gFS
DS=-5
V
V,ID=-12A
34
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
-
PF
2960
Output Capacitance
Coss
-
-
370
PF
Reverse Transfer Capacitance
Crss
VDS=-20V,VGS=0V,
F=1.0MHz
-
310
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
-
nS
10
Turn-on Rise Time
tr
-
-
18
nS
Turn-Off Delay Time
td(off)
-
-
nS
38
Turn-Off Fall Time
tf
VDD=-20V,ID=-20A
VGS=-10V,RG=3Ω
-
24
-
nS
Total Gate Charge
Qg
-
72
nC
Gate-Source Charge
Qgs
-
14
nC
Gate-Drain Charge
Qgd
VDS=-20,ID=-12A,
VGS=-10V
-
15
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
SD
V
GS=0
V
V,IS=-20A
-
-1.2
V
Diode Forward Current
(Note 2)
S
I
-
-40
-
A
Reverse Recovery Time
trr
-
nS
40
Reverse Recovery Charge
Qrr
TJ = 25°C, IF =- 20A
di/dt = -100A/μs
(Note3)
-
42
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
www.bychip.cn
NCE40P40K
v2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com