Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST85WMH6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41ST85WMH6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41ST85WMH6 Datasheet HTML 19Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 20Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 21Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 22Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 23Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 24Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 25Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 26Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
23/34
M41ST85W
MAXIMUM RATING
Stressing the device above the rating listed in the
“Absolute Maximum Ratings” table may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 8. Absolute Maximum Ratings
Note: 1. For SOH28 package, Lead-free (Pb-free) lead finish: Reflow at peak temperature of 260°C (total thermal budget not to exceed
245°C for greater than 30 seconds).
2. For SOH28 package, standard (SnPb) lead finish: Reflow at peak temperature of 225°C (total thermal budget not to exceed 180°C
for between 90 to 150 seconds).
3. The SOX28 package has Lead-free (Pb-free) lead finish, but cannot be exposed to peak reflow temperature in excess of 240°C
(use same reflow profile as standard (SnPb) lead finish).
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
CAUTION: Do NOT wave solder SOIC to avoid damaging SNAPHAT sockets.
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature (VCC Off, Oscillator Off)
SNAPHAT®
–40 to 85
°C
SOIC
–55 to 150
°C
TSLD
Lead Solder Temperature for 10 seconds
Lead-free lead finish(1)
260
°C
Standard (SnPb)
lead finish(2,3)
240
°C
VIO
Input or Output Voltage
–0.3 to VCC+0.3
V
VCC
Supply Voltage
–0.3 to 4.6
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com