Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST85WMH6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M41ST85WMH6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M41ST85WMH6 Datasheet HTML 23Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 24Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 25Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 26Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 27Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 28Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 29Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 30Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
27/34
M41ST85W
Figure 22. Power Down/Up Mode AC Waveforms
Table 13. Power Down/Up AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6V (except where otherwise noted).
2. VPFD(max) to VPFD(min) fall time of less than tF may result in deselection/write protection not occurring until
200µs after VCC passes VPFD(min).
3. VPFD(min) to VSS fall time of less than tFB may cause corruption of RAM data.
4. Programmable (see Table 6., page 22)
Symbol
Parameter(1)
Min
Typ
Max
Unit
tF
(2)
VPFD(max) to VPFD(min) VCC Fall Time
300
µs
tFB
(3)
VPFD(min) to VSS VCC Fall Time
10
µs
tPD
EX at VIH before Power Down
0µs
tPFD
PFI to PFO Propagation Delay
15
25
µs
tR
VPFD(min) to VPFD(max) VCC Rise Time
10
µs
tRB
VSS to VPFD(min) VCC Rise Time
1µs
trec
(4)
Power up Deselect Time
40
200
ms
AI03661
VCC
INPUTS
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tPD
tRB
tDR
VALID
VALID
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
trec
RST
ECON
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com