Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LT128HSB Datasheet(PDF) 97 Page - STMicroelectronics

Part # M58LT128HSB
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HSB Datasheet(HTML) 97 Page - STMicroelectronics

Back Button M58LT128HSB Datasheet HTML 93Page - STMicroelectronics M58LT128HSB Datasheet HTML 94Page - STMicroelectronics M58LT128HSB Datasheet HTML 95Page - STMicroelectronics M58LT128HSB Datasheet HTML 96Page - STMicroelectronics M58LT128HSB Datasheet HTML 97Page - STMicroelectronics M58LT128HSB Datasheet HTML 98Page - STMicroelectronics M58LT128HSB Datasheet HTML 99Page - STMicroelectronics M58LT128HSB Datasheet HTML 100Page - STMicroelectronics M58LT128HSB Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
M58LT128HST, M58LT128HSB
Flowcharts and pseudo codes
97/110
Figure 25.
Protect/Unprotect operation flowchart and pseudo code
1.
Any address within the bank can equally be used.
Write
01h, D0h
AI12895
Read Block
Protect State
YES
NO
Protection
change
confirmed?
Start
Write 60h (1)
protect_operation_command (address, protect_operation) {
writeToFlash (address, 0x60) ; /*configuration setup*/
/* see note (1) */
if (readFlash (address) ! = protection_state_expected)
error_handler () ;
/*Check the protection state (see Read Block Signature table )*/
writeToFlash (address, 0xFF) ; /*Reset to Read Array mode*/
/*see note (1) */
}
Write FFh (1)
Write 90h (1)
End
if (protect_operation==PROTECT) /*to protect the block*/
writeToFlash (address, 0x01) ;
else if (protect_operation==UNPROTECT) /*to unprotect the block*/
writeToFlash (address, 0xD0) ;
writeToFlash (address, 0x90) ;
/*see note (1) */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com