| Electronic Components Datasheet Search |
|
TDA9873HS Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9873HS Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 40 page ![]() 2000 Apr 04 19 Philips Semiconductors Product specification Multistandard dual carrier stereo sound decoder TDA9873H I2C-BUS PROTOCOL I2C-bus format to read (device identification code) Table 2 Explanation of I2C-bus format to read (device identification code) Note 1. This data word H80 (device identification code) is read from the subaddress 254 which is set in the last write transfer. I2C-bus format to read (slave transmits data) Table 3 Explanation of I2C-bus format to read (slave transmits data) Table 4 Definition of the transmitted byte after read condition S SLAVE ADDRESS R/W = 0 A SUBADDRESS A S SLAVE ADDRESS R/W = 1 A DATA AN P NAME DESCRIPTION S START condition; generated by the master SLAVE ADDRESS 101 101 1; pin MAD not connected (standard) 101 101 0; pin MAD connected to ground (pin programmable) R/W logic 0 (write); generated by the master logic 1 (read); generated by the master A acknowledge; generated by the slave SUBADDRESS 111 111 10 (254) DATA slave transmits the device identification code 80H; note 1 AN acknowledge not; generated by the master P STOP condition; generated by the master S SLAVE ADDRESS R/W = 1 A DATA AN P NAME DESCRIPTION S START condition; generated by the master SLAVE ADDRESS 101 101 1; pin MAD not connected (standard) 101 101 0; pin MAD connected to ground (pin programmable) R/W logic 1 (read); generated by the master A acknowledge; generated by the slave DATA slave transmits an 8-bit data word AN acknowledge not; generated by the master P STOP condition; generated by the master MSB LSB D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 Y Y DS ST PONR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |