Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9873HS Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA9873HS Datasheet HTML 26Page - NXP Semiconductors TDA9873HS Datasheet HTML 27Page - NXP Semiconductors TDA9873HS Datasheet HTML 28Page - NXP Semiconductors TDA9873HS Datasheet HTML 29Page - NXP Semiconductors TDA9873HS Datasheet HTML 30Page - NXP Semiconductors TDA9873HS Datasheet HTML 31Page - NXP Semiconductors TDA9873HS Datasheet HTML 32Page - NXP Semiconductors TDA9873HS Datasheet HTML 33Page - NXP Semiconductors TDA9873HS Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
2000 Apr 04
30
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
Fig.21 Pin 30; SDA.
handbook, halfpage
MHB449
30
1.8 k
Ω
2.5 V
Fig.22 Pin 31; LPF and pin 35; CID.
handbook, halfpage
31, 35
4
k
Ω
4
k
Ω
2
k
Ω
80
µA
2.5 V
+
+
56
k
Ω
MHB450
Fig.23 Pin 34; CTRIG.
handbook, halfpage
MHB451
3.33 k
Ω
2.5 V
+
56 k
Ω
34
Fig.24 Pin 37; P1 and pin 42; P2.
handbook, halfpage
MHB452
+
37, 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com