Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9901TS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA9901TS
Description  Wideband differential digital controlled variable gain amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9901TS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA9901TS Datasheet HTML 2Page - NXP Semiconductors TDA9901TS Datasheet HTML 3Page - NXP Semiconductors TDA9901TS Datasheet HTML 4Page - NXP Semiconductors TDA9901TS Datasheet HTML 5Page - NXP Semiconductors TDA9901TS Datasheet HTML 6Page - NXP Semiconductors TDA9901TS Datasheet HTML 7Page - NXP Semiconductors TDA9901TS Datasheet HTML 8Page - NXP Semiconductors TDA9901TS Datasheet HTML 9Page - NXP Semiconductors TDA9901TS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1999 Oct 08
6
Philips Semiconductors
Product specification
Wideband differential digital controlled
variable gain amplifier
TDA9901
tst
settling time
10 to 90% maximum
output transition;
CL(max) = 5 pF on
each output;
Tamb =25 °C
−−
3.6
ns
Gstep
gain step size
DC input
Tamb =25 °C
5.88
6.09
6.28
dB
all temperatures
5.6
6.09
6.56
dB
G(min)
minimum gain setting
DC input
Tamb =25 °C
5.76
6.11
6.40
dB
all temperatures
5.7
6.11
6.46
dB
G(max)
maximum gain setting
DC input
Tamb =25 °C
29.9
30.5
30.9
dB
all temperatures
29.3
30.5
31.5
dB
∆G/∆T
gain stability as a function
of temperature
minimum gain
−−1.0
−
mdB/
°C
maximum gain
−−7.5
−
mdB/
°C
|∆G/∆VDD|
gain stability as a function
of power supply
minimum gain
−
15
25
mdB/V
∆V
i(offset)
input offset voltage
difference
6 dB gain step
−
0.8
−
mV
F
noise figure
Rs = 100 Ω;
fi = 20 MHz
minimum gain
−
29.1
−
dB
maximum gain
−
9.9
−
dB
Vn(o)(eq)
equivalent output noise
voltage spectral density
Rs = 100 Ω;
fi = 20 MHz;
Tamb =25 °C
G=6dB
−
75
−
nV/
√Hz
G = 12 dB
−
82
−
nV/
√Hz
G = 18 dB
−
97
−
nV/
√Hz
G = 24 dB
−
91
−
nV/
√Hz
G = 30 dB
−
124
−
nV/
√Hz
PSRR(VDDA)
power supply ripple
rejection of VDDA
minimum gain
0to20MHz
−
57
−
dB
20 to 100 MHz
−
39
−
dB
PSRR(VDDD)
power supply ripple
rejection of VDDD
minimum gain
dB
0to20MHz
−
67
−
dB
20 to 100 MHz
−
51
−
dB
CMRR
common mode rejection
ratio
0to20MHz
−
75
−
dB
20 to 150 MHz
−
45
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com