Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9901TS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9901TS
Description  Wideband differential digital controlled variable gain amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9901TS Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9901TS Datasheet HTML 1Page - NXP Semiconductors TDA9901TS Datasheet HTML 2Page - NXP Semiconductors TDA9901TS Datasheet HTML 3Page - NXP Semiconductors TDA9901TS Datasheet HTML 4Page - NXP Semiconductors TDA9901TS Datasheet HTML 5Page - NXP Semiconductors TDA9901TS Datasheet HTML 6Page - NXP Semiconductors TDA9901TS Datasheet HTML 7Page - NXP Semiconductors TDA9901TS Datasheet HTML 8Page - NXP Semiconductors TDA9901TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Oct 08
3
Philips Semiconductors
Product specification
Wideband differential digital controlled
variable gain amplifier
TDA9901
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGM962
REFERENCE
GENERATOR
REFERENCE
GENERATOR
LATCHES
DECODER
GRAY2
19
GRAY1
20
VSSD
17
VSSA
12
16
5
7
6
14
15
n.c.
0, 6, 12, 18 or 24 dB
6 dB
8, 9, 10, 13
VDDA
11
GRAY0
1
TE
2
VDDD
18
CLK
3
CLKN
4
CMVGA
IN
INN
OUT
OUTN
CMADC
TDA9901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com