Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FALXT972MLAA4 Datasheet(PDF) 79 Page - Intel Corporation

Part # FALXT972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MLAA4 Datasheet(HTML) 79 Page - Intel Corporation

Back Button FALXT972MLAA4 Datasheet HTML 75Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 76Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 77Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 78Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 79Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 80Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 81Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 82Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
79
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 45 lists auto-negotiation advertisement bits.
Table 45. Auto-Negotiation Advertisement Register - Address 4, Hex 4
Bit
Name
Description
Type 1
Default
4.15
Next Page
0 = Port has no ability to send multiple pages.
1 = Port has ability to send multiple pages.
R/W
0
4.14
Reserved
Ignore when read.
RO
0
4.13
Remote Fault
0 = No remote fault.
1 = Remote fault.
R/W
0
4.12
Reserved
Write as ‘0’. Ignore on Read.
R/W
0
4.11
Asymmetric
Pause
Pause operation defined in IEEE 802.3 Standard,
Clause 40 and 27
R/W
0
4.10
Pause
0 = Pause operation disabled.
1 = Pause operation enabled for full-duplex links
R/W
0
4.9
100BASE-T4
0 = 100BASE-T4 capability is not available.
1 = 100BASE-T4 capability is available.
NOTE: The LXT972M Transceiver does not
support 100BASE-T4 but allows this bit to
be set to advertise in the auto-negotiation
sequence for 100BASE-T4 operation. An
external 100BASE-T4 transceiver can be
switched in if this capability is desired.
R/W
0
4.8
100BASE-TX
full-duplex
0 = Port is not 100BASE-TX full-duplex capable.
1 = Port is 100BASE-TX full-duplex capable.
R/W
Note 2
4.7
100BASE-TX
0 = Port is not 100BASE-TX capable.
1 = Port is 100BASE-TX capable.
R/W
Note 2
4.6
10BASE-T
full-duplex
0 = Port is not 10BASE-T full-duplex capable.
1 = Port is 10BASE-T full-duplex capable.
R/W
Note 2
4.5
10BASE-T
0 = Port is not 10BASE-T capable.
1 = Port is 10BASE-T capable.
R/W
Note 2
4.4:0
Selector Field,
S<4:0>
<00001> = IEEE 802.3.
<00010> = IEEE 802.9 ISLAN-16T.
<00000> = Reserved for future auto-negotiation
development.
<11111> = Reserved for future auto-negotiation
development.
NOTE: Unspecified or reserved combinations must
not be transmitted.
R/W
00001
1. R/W = Read/Write
RO = Read Only
2. Some bits have their default values determined at reset by hardware configuration pins. For default details
for these bits, see Section 5.4.4, “Hardware Configuration Settings”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com