Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FALXT972MLAA4 Datasheet(PDF) 52 Page - Intel Corporation

Part # FALXT972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MLAA4 Datasheet(HTML) 52 Page - Intel Corporation

Back Button FALXT972MLAA4 Datasheet HTML 48Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 49Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 50Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 51Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 52Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 53Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 54Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 55Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
52
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.9
Monitoring Operations
5.9.1
Monitoring Auto-Negotiation
Auto-negotiation can be monitored as follows:
• Register bit 17.7 is set to ‘1’ once the auto-negotiation process is completed.
• Register bits 1.2 and 17.10 are set to ‘1’ once the link is established.
• Register bits 17.14 and 17.9 can be used to determine the link operating conditions (speed and
duplex).
Note:
When the LXT972M Transceiver detects incorrect polarity for a 10BASE-T operation, Register bit
17.5 is set to ‘1’.
5.9.2
Monitoring Next Page Exchange
The LXT972M Transceiver offers an Alternate Next Page mode to simplify the next page
exchange process. Normally, Register bit 6.1 (Page Received) remains set until read. When
Alternate Next Page mode is enabled, Register bit 6.1 is automatically cleared whenever a new
negotiation process takes place. This action prevents the user from reading an old value in bit 6.1
and assuming that Registers 5 and 8 (Partner Ability) contain valid information. Additionally, the
LXT972M Transceiver uses Register bit 6.5 to indicate when the current received page is the base
page. This information is useful for recognizing when next pages must be resent due to a new
negotiation process starting. Register bits 6.1 and 6.5 are cleared when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com