Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHW1303LAN Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MHW1303LAN
Description  5-200 MHz, 30.8 dB, 10-CHANNEL CATV LOW CURRENT AMPLIFIER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHW1303LAN Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MHW1303LAN Datasheet HTML 1Page - Freescale Semiconductor, Inc MHW1303LAN Datasheet HTML 2Page - Freescale Semiconductor, Inc MHW1303LAN Datasheet HTML 3Page - Freescale Semiconductor, Inc MHW1303LAN Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MHW1303LAN
1
RF Device Data
Freescale Semiconductor
CATV Amplifier Module
Features
• Specified for 6- and 10-Channel Loading
• Excellent Distortion Performance
• Low Power Consumption
• Capable of Handling Multiple Channels in the Return Path with Good
Distortion Performance
• Silicon Bipolar Transistor Technology
• Unconditionally Stable Under All Load Conditions
Applications
• CATV Systems Operating in the 5 to 200 MHz Frequency Range
• Specified for Use as a Return Path Amplifier for Low-, Mid- and High-Split
2-Way Cable TV Systems
Description
• 24 Vdc Supply, 5 to 200 MHz, CATV Reverse Amplifier Module
• Replaced MHW1303LA. There are no form, fit or function changes with this
part replacement.
• RoHS Compliant
Table 1. Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
+28
Vdc
RF Input Voltage (Single Tone)
Vin
+60
dBmV
Operating Case Temperature Range
TC
-20 to +100
°C
Storage Temperature Range
Tstg
-40 to +100
°C
Table 2. Electrical Characteristics (VCC = 24 Vdc, TC = 30°C, 75 Ω system, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Bandwidth
All
BW
5
—
200
MHz
Power Gain
(f = 5 MHz)
Gp
30
30.8
31.2
dB
Slope
(5-200 MHz)
S
0
—
1.0
dB
Gain Flatness (Peak To Valley)
(5-200 MHz)
GF
—
—
0.7
dB
Return Loss — Input/Output
(@ f = 5-65 MHz)
(@ f = 65-200 MHz)
IRL/ORL
20
18
—
—
—
—
dB
Composite Second Order
(Vout = +50 dBmV per Ch., Worst Case)
6-Channel FLAT
10-Channel FLAT
CSO6
CSO10
—
—
-73
-70
-68
-65
dBc
Document Number: MHW1303LAN
Rev. 4, 5/2006
Freescale Semiconductor
Technical Data
MHW1303LAN
5-200 MHz, 30.8 dB, 10-CHANNEL
CATV LOW CURRENT
AMPLIFIER MODULE
CASE 1302-01, STYLE 1
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MHW1303LAN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1303LA MOTOROLA-MHW1303LA Datasheet
105Kb / 4P
The RF Line Low Distortion Wideband Reverse Amplifier Module
More results

Similar Description - MHW1303LAN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
PAW-1026 MACOM-PAW-1026 Datasheet
36Kb / 1P
5 - 200 MHz. 24 dB. CATV Ultra-linear Amplifier
logo
SIRENZA MICRODEVICES
ISG52124-L SIRENZA-ISG52124-L Datasheet
49Kb / 2P
5 TO 210 MHz SILICON CATV 24 dB LOW POWER HYBRID AMPLIFIER
ISG56518 SIRENZA-ISG56518 Datasheet
46Kb / 2P
5 TO 65 MHz SILICON CATV 18 dB HYBRID AMPLIFIER
ISG56526 SIRENZA-ISG56526 Datasheet
79Kb / 2P
5 TO 65 MHz SILICON CATV 26 dB HYBRID AMPLIFIER
ISG56535 SIRENZA-ISG56535 Datasheet
75Kb / 2P
5 TO 65 MHz SILICON CATV 35 dB HYBRID AMPLIFIER
logo
Freescale Semiconductor...
MHW9182CN FREESCALE-MHW9182CN Datasheet
71Kb / 5P
1000 MHz 19.4 dB GAIN 152-CHANNEL CATV AMPLIFIER MODULE
MHW7185CN FREESCALE-MHW7185CN Datasheet
72Kb / 4P
750 MHz CATV 19.4 dB GAIN 110-CHANNEL Amplifier Module
MHW9146N FREESCALE-MHW9146N Datasheet
74Kb / 4P
870 MHz 14.3 dB GAIN 132-CHANNEL GaAs CATV AMPLIFIER MODULE
MHW7185CLN FREESCALE-MHW7185CLN Datasheet
72Kb / 4P
CATV Amplifier Module 750 MHz 19.2 dB GAIN 110-CHANNEL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com