Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4857-1YRZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4857-1YRZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-1YRZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4857-1YRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 19Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 20Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADA4857-1/ADA4857-2
Rev. D | Page 17 of 21
APPLICATIONS INFORMATION
POWER-DOWN OPERATION
The PD pin powers down the chip, reducing the quiescent
current and the overall power consumption. To enable the
device, pull the PD pin low. Table 8 provides the PD pin voltages
that enable the correct operation at different supplies. These
voltages are applicable for ambient temperature only. Consult
Table 1 and Table 2 when designing for use at the full operating
temperature range.
Note that PD does not put the output in a high-Z state, which
means that the ADA4857 must not be used as a multiplexer.
Table 8. PD Operation Table Guide
Supply Voltage
Condition
±5 V
±2.5 V
+5 V
Enabled
≤+0.8 V
≤−1.7 V
≤+0.8 V
Powered down
≥+3 V
≥+0.5 V
≥+3 V
CAPACITIVE LOAD CONSIDERATIONS
When driving a capacitive load using the SOIC package, RSNUB
reduces the peaking (see Figure 54). An optimum resistor value of
40 Ω is found to maintain the peaking within 1 dB for any
capacitive load up to 40 pF.
RECOMMENDED VALUES FOR VARIOUS GAINS
Table 9 provides a useful reference for determining various gains
and associated performance. RF and RG are kept low to minimize
their contribution to the overall noise performance of the amplifier.
Table 9. Various Gain and Recommended Resistor Values Associated with Conditions; VS = ±5 V, TA = 25°C, RL = 1 kΩ, RT = 49.9 Ω
Gain
RS (Ω) (CSP/SOIC)
RF (Ω)
RG (Ω)
−3 dB SS BW (MHz)
(CSP/SOIC)
Slew Rate (V/µs),
VOUT = 2 V Step
ADA4857 Voltage
Noise (nV/√Hz), RTO
Total System
Noise (nV/√Hz), RTO
+1
0/100
0
N/A
850/750
2350
4.4
4.49
+2
0/0
499
499
360/320
1680
8.8
9.89
+5
0/0
499
124
90/89
516
22.11
23.49
+10
0/0
499
56.2
43/40
213
43.47
45.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com