Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4857-1YRZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4857-1YRZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-1YRZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4857-1YRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 19Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 20Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ADA4857-1/ADA4857-2
Data Sheet
Rev. D | Page 18 of 21
ACTIVE LOW-PASS FILTER (LPF)
Active filters are used in many applications such as antialiasing
filters and high frequency communication IF strips. With a
410 MHz gain bandwidth product and high slew rate, the
ADA4857-2 is an ideal candidate for active filters. Figure 55
shows the frequency response of 90 MHz and 45 MHz LPFs.
In addition to the bandwidth requirements, the slew rate must
be capable of supporting the full power bandwidth of the filter.
In this case, a 90 MHz bandwidth with a 2 V p-p output swing
requires at least 2800 V/μs.
The circuit shown in Figure 56 is a 4-pole, Sallen-Key LPF. The
filter comprises two identical cascaded Sallen-Key LPF sections,
each with a fixed gain of G = 2. The net gain of the filter is equal
to G = 4 or 12 dB. The actual gain shown in Figure 55 is 12 dB.
This does not take into account the output voltage being divided in
half by the series matching termination resistor, RT, and the
load resistor.
Setting the resistors equal to each other greatly simplifies the design
equations for the Sallen-Key filter. To achieve 90 MHz, the value
of R must be set to 182 Ω. However, if the value of R is doubled,
the corner frequency is cut in half to 45 MHz. This would be an
easy way to tune the filter by simply multiplying the value of R
(182 Ω) by the ratio of 90 MHz and the new corner frequency
in megahertz.
Figure 55 shows the output of each stage is of the filter and the
two different filters corresponding to R = 182 Ω and R = 365 Ω.
Resistor values are kept low for minimal noise contribution,
offset voltage, and optimal frequency response. Due to the low
capacitance values used in the filter circuit, the PCB layout and
minimization of parasitics is critical. A few picofarads can detune
the corner frequency, fc of the filter. The capacitor values shown
in Figure 56 actually incorporate some stray PCB capacitance.
Capacitor selection is critical for optimal filter performance.
Capacitors with low temperature coefficients, such as NPO
ceramic capacitors and silver mica, are good choices for filter
elements.
Figure 55. Low-Pass Filter Response
Figure 56. 4-Pole, Sallen-Key Low-Pass Filter (ADA4857-2)
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
12
15
0.1
1
10
100
500
FREQUENCY (MHz)
OUT1, f = 90MHz
OUT2, f = 90MHz
OUT1, f = 45MHz
OUT2, f = 45MHz
RL = 100Ω
VS = ±5V
U1
C1
3.9pF
C2
5.6pF
R
RT
49.9Ω
R
R1
348Ω
R
R2
348Ω
RT
49.9Ω
+IN1
–5V
+5V
0.1µF
0.1µF
10µF
10µF
U2
C3
3.9pF
C4
5.6pF
R
R3
348Ω
R4
348Ω
–5V
+5V
0.1µF
0.1µF
10µF
10µF
OUT2
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com