Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4721 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4721
Description  1.5A 2MHz Integrated Switch Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4721 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4721 Datasheet HTML 4Page - Micrel Semiconductor MIC4721 Datasheet HTML 5Page - Micrel Semiconductor MIC4721 Datasheet HTML 6Page - Micrel Semiconductor MIC4721 Datasheet HTML 7Page - Micrel Semiconductor MIC4721 Datasheet HTML 8Page - Micrel Semiconductor MIC4721 Datasheet HTML 9Page - Micrel Semiconductor MIC4721 Datasheet HTML 10Page - Micrel Semiconductor MIC4721 Datasheet HTML 11Page - Micrel Semiconductor MIC4721 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Micrel, Inc.
MIC4721
May 2007
8
M9999-052907-A
Pin Descriptions
VIN
Two pins for VIN provide power to the source of the
internal P-channel MOSFET along with the current
limiting sensing. The VIN operating voltage range is from
2.7V to 5.5V. Due to the high switching speeds, a 10µF
capacitor should be placed close to VIN and power
ground (PGND) at each pin for bypassing. Please refer
to the section on layout recommendations.
BIAS
The bias (BIAS) provides power to the internal reference
and control sections of the MIC4721. A 10
Ω resistor
from VIN to BIAS and a 0.1µF from BIAS to SGND is
required.
EN
The enable pin provides a logic level control of the
output. At a low level, the output is shut off and supply
current at the VIN pin is greatly reduced (typically <2µA).
A high level turns the output on. The enable pin must not
be driven above the supply voltage.
FB
The feedback pin (FB) connects to the negative input of
the internal error amplifier. The pin is connected to an
external resistor divider, which sets the output voltage.
A feedforward capacitor across the upper resistor in the
divider is recommended for most designs. To reduce
current draw, a 10K feedback resistor is recommended
from the output to the FB pin (R1). The large resistor
value and the parasitic capacitance of the FB pin can
cause a high frequency pole that can reduce the overall
system
phase
margin.
By
placing
a
feedforward
capacitor, these effects can be significantly reduced.
SW
The switch (SW) pin connects directly to the inductor
and provides the switching current necessary to operate
in PWM mode. Due to the high speed switching on this
pin, the switch node should be routed away from
sensitive nodes. This pin also connects to the cathode of
the free-wheeling diode.
PGOOD
The power good pin pulls low to indicate the output
voltage is within its regulation range. When power good
is low, then the output voltage is within ±10% of the set
regulation voltage. For output voltages greater or less
than 10%, the PGOOD pin is high. This should be
connected to the input supply through a pull up resistor.
A delay can be added by placing a capacitor from
PGOOD-to-ground.
PGND
Power ground (PGND) is the ground path for the
MOSFET drive current. The current loop for the power
ground should be as small as possible and separate
from the Signal ground (SGND) loop. Refer to the
section on layout recommendations for more details.
SGND
Signal ground (SGND) is the ground path for the biasing
and control circuitry. The current loop for the signal
ground should be separate from the power ground
(PGND)
loop.
Refer
to
the
section
on
layout
recommendations for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com