Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4721 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4721
Description  1.5A 2MHz Integrated Switch Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4721 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4721 Datasheet HTML 1Page - Micrel Semiconductor MIC4721 Datasheet HTML 2Page - Micrel Semiconductor MIC4721 Datasheet HTML 3Page - Micrel Semiconductor MIC4721 Datasheet HTML 4Page - Micrel Semiconductor MIC4721 Datasheet HTML 5Page - Micrel Semiconductor MIC4721 Datasheet HTML 6Page - Micrel Semiconductor MIC4721 Datasheet HTML 7Page - Micrel Semiconductor MIC4721 Datasheet HTML 8Page - Micrel Semiconductor MIC4721 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micrel, Inc.
MIC4721
May 2007
3
M9999-052907-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) .......................................................+6V
Output Switch Voltage (VSW) ..........................................+6V
Output Switch Current (ISW)............................................11A
Logic Input Voltage (VEN) .................................. –0.3V to VIN
Storage Temperature (Ts) .........................–60°C to +150°C
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +2.7V to +5.5V
Logic Input Voltage (VEN) ....................................... 0V to VIN
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
MSOP-10L (
θ
JA)............................................... 130°C/W
MSOP-10L (
θ
JC) ................................................ 43°C/W
Electrical Characteristics
(3)
VIN = VEN = 3.6V; L = 1µH; COUT = 4.7µF; TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout
Threshold
(turn-on)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Quiescent Current
VFB = 0.9 * VNOM (not switching)
570
900
µA
Shutdown Current
VEN = 0V
2
10
µA
[Adjustable] Feedback
Voltage
± 2% (over temperature) I
LOAD = 100mA
0.98
1.02
V
FB pin input current
1
nA
Current Limit in PWM Mode
VFB = 0.9 * VNOM
3.5
5
A
Output Voltage Line
Regulation
VOUT > 2V; VIN = VOUT+500mV to 5.5V; ILOAD= 100mA
VOUT < 2V; VIN = 2.7V to 5.5V; ILOAD= 100mA
0.07
%
Output Voltage Load
Regulation
20mA < ILOAD < 3A
0.2
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
PWM Switch ON-
Resistance
ISW = 50mA; VFB = 0.7VFB_NOM (High Side Switch)
95
200
300
m
m
Oscillator Frequency
1.8
2
2.2
MHz
Enable Threshold
0.5
0.85
1.3
V
Enable Hysteresis
50
mV
Enable Input Current
0.1
2.3
µA
Power Good Range
±7
±10
%
Power Good Resistance
IPGOOD = 500µA
145
250
Over-Temperature
Shutdown
160
°C
Over-Temperature
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com