Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC923L0YIP Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC923L0YIP
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L0YIP Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC923L0YIP Datasheet HTML 4Page - Sharp Corporation PC923L0YIP Datasheet HTML 5Page - Sharp Corporation PC923L0YIP Datasheet HTML 6Page - Sharp Corporation PC923L0YIP Datasheet HTML 7Page - Sharp Corporation PC923L0YIP Datasheet HTML 8Page - Sharp Corporation PC923L0YIP Datasheet HTML 9Page - Sharp Corporation PC923L0YIP Datasheet HTML 10Page - Sharp Corporation PC923L0YIP Datasheet HTML 11Page - Sharp Corporation PC923L0YIP Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Sheet No.: D2-A06001EN
8
PC923L0NSZ Series
Fig.7 Test Circuit for "Low
→High" Input Threshold Current
Fig.9 Test Circuit for Instantaneous Common Mode Rejection Voltage
Fig.8 Test Circuit for Response Time
V
IF
VCC
Variable
PC923L
2
3
8
5
6
7
VCC
CG
RG
VOUT
VIN
Duty ratio 50%
VIN wave form
VOUT wave form
tPLH
tPHL
50%
90%
50%
10%
tr
tf
tr
=tf=0.01µs
Pulse width 5
µs
PC923L
2
3
8
5
6
7
V
SW
B
A
GND
GND
VCC
VO2
+−
VCM
VCM
(Peak)
VCM wave form
VO2H
∆VO2H
∆VO2L
VO2L
CMH, VO2 wave form
SW at A, IF
=5mA
CML, VO2 wave form
SW at B, IF
=0
PC923L
2
3
8
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com