Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC923L0YIP Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC923L0YIP
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L0YIP Datasheet(HTML) 4 Page - Sharp Corporation

  PC923L0YIP Datasheet HTML 1Page - Sharp Corporation PC923L0YIP Datasheet HTML 2Page - Sharp Corporation PC923L0YIP Datasheet HTML 3Page - Sharp Corporation PC923L0YIP Datasheet HTML 4Page - Sharp Corporation PC923L0YIP Datasheet HTML 5Page - Sharp Corporation PC923L0YIP Datasheet HTML 6Page - Sharp Corporation PC923L0YIP Datasheet HTML 7Page - Sharp Corporation PC923L0YIP Datasheet HTML 8Page - Sharp Corporation PC923L0YIP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Date code (3 digit)
A.D.
1990
1991
1992
1993
1994
1995
1996
1997
1998
1999
2000
2001
Mark
A
B
C
D
E
F
H
J
K
L
M
N
Mark
P
R
S
T
U
V
W
X
A
B
C
Mark
1
2
3
4
55
6
7
8
9
O
N
D
Mark
1
2
3
4
Month
January
February
March
April
May
June
July
August
September
October
November
December
Week
1st
2nd
3rd
4th
5.6th
A.D
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
··
·
··
·
2nd digit
Month of production
3rd digit
Week of production
1st digit
Year of production
4
repeats in a 20 year cycle
Sheet No.: D2-A06001EN
PC923L0NSZ Series
Country of origin
Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com