Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62290DRVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVR
Description  1-A Step Down Converter in 2 x 2 SON Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62290DRVR Datasheet HTML 3Page - Texas Instruments TPS62290DRVR Datasheet HTML 4Page - Texas Instruments TPS62290DRVR Datasheet HTML 5Page - Texas Instruments TPS62290DRVR Datasheet HTML 6Page - Texas Instruments TPS62290DRVR Datasheet HTML 7Page - Texas Instruments TPS62290DRVR Datasheet HTML 8Page - Texas Instruments TPS62290DRVR Datasheet HTML 9Page - Texas Instruments TPS62290DRVR Datasheet HTML 10Page - Texas Instruments TPS62290DRVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
TimeBase-20 ms/Div
SW2V/Div
V
50mV/Div
OUT
V
3.6V,
V
1.8V,
I
50
MODE=GND
IN
OUT
OUT
mA to250mA,
250mA
50mA
I
200mA/Div
OUT
I
500mA/Div
coil
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
V
=2.7V, T
=-40°C
IN
A
V
=2.7V,
T
=85°C
IN
A
V
=3.6V,
T
=85°C
IN
A
V
=4.5V,
T
=85°C
IN
A
V
=2.7V,
T
=25°C
IN
A
V
=3.6V,
T
=25°C
IN
A
V
=4.5V,
T
=25°C
IN
A
V
=4.5V, T
=-40°C
IN
A
V
=3.6V, T
=-40°C
IN
A
I
-OutputCurrent-mA
O
MODE=V ,
L =2.2 H
IN
m
TimeBase-100
s/Div
m
V
3.6Vto4.2V
500mV/Div
IN
V
=1.8V,
50mV/Div,
I
=50mA,
MODE=GND
OUT
OUT
TimeBase-20 ms/Div
V
3.6V,
V
1.8V,
I
300
MODE=GND
IN
OUT
OUT
mA to800mA,
V
100mV/Div
OUT
800mA
I
500mA/Div
OUT
300mA
I
500mA/Div
coil
TPS62290
SLVS764 – JUNE 2007
OUTPUT VOLTAGE ACCURACY
vs
OUTPUT CURRENT
PFM LOAD TRANSIENT
Figure 5.
Figure 6.
PFM LINE TRANSIENT
PWM LOAD TRANSIENT
Figure 7.
Figure 8.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com