Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62290DRVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVR
Description  1-A Step Down Converter in 2 x 2 SON Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62290DRVR Datasheet HTML 9Page - Texas Instruments TPS62290DRVR Datasheet HTML 10Page - Texas Instruments TPS62290DRVR Datasheet HTML 11Page - Texas Instruments TPS62290DRVR Datasheet HTML 12Page - Texas Instruments TPS62290DRVR Datasheet HTML 13Page - Texas Instruments TPS62290DRVR Datasheet HTML 14Page - Texas Instruments TPS62290DRVR Datasheet HTML 15Page - Texas Instruments TPS62290DRVR Datasheet HTML 16Page - Texas Instruments TPS62290DRVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
GND
EN
FB
SW
MODE
V
2.7Vto6V
IN
C
10 F
IN
m
VIN
TPS62290DRV
L
2.2 H
1
m
R
360k
1
W
R
180k
2
W
C
22pF
1
C
10 F
OUT
m
V
1.8V,
1000mA
OUT
VIN
GND
EN
FB
SW
MODE
V
3.7Vto6V
IN
C
10 F
IN
m
TPS62290DRV
L
2.2 H
1
m
R
182k
2
W
R
820k
1
W
C
22pF
1
C
10 F
OUT
m
V
3.3V,
1000mA
OUT
OUTPUT VOLTAGE SETTING
V
OUT + VREF
1 )
R
1
R
2 with an internal reference voltage V
REF typical 0.6V.
OUTPUT FILTER DESIGN (INDUCTOR AND OUTPUT CAPACITOR)
Inductor Selection
TPS62290
SLVS764 – JUNE 2007
Figure 17. TPS62290DRV Adjustable 1.8 V
Figure 18. TPS62290DRV Adjustable 3.3 V
The output voltage can be calculated to:
To minimize the current through the feedback divider network, R2 should be 180 kΩ or 360 kΩ. The sum of R1
and R2 should not exceed ~1MΩ, to keep the network robust against noise. An external feed forward capacitor
C1 is required for optimum load transient response. The value of C1 should be in the range between 22pF and
33pF.
Route the FB line away from noise sources, such as the inductor or the SW line.
The TPS62260 is designed to operate with inductors in the range of 1.5
µH to 4.7µH and with output capacitors
in the range of 4.7
µF to 22µF. The part is optimized for operation with a 2.2µH inductor and 10µF output
capacitor. Larger or smaller inductor values can be used to optimize the performance of the device for specific
operation conditions. For stable operation, the L and C values of the output filter may not fall below 1
µH effective
inductance and 3.5
µF effective capacitance.
The inductor value has a direct effect on the ripple current. The selected inductor has to be rated for its dc
resistance and saturation current. The inductor ripple current (
∆I
L) decreases with higher inductance and
increases with higher VI or VO.
The inductor selection has also impact on the output voltage ripple in PFM mode. Higher inductor values will
lead to lower output voltage ripple and higher PFM frequency, lower inductor values will lead to a higher output
voltage ripple but lower PFM frequency.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com