Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4321 Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC18F4321
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 49Page - Microchip Technology PIC18F4321 Datasheet HTML 50Page - Microchip Technology PIC18F4321 Datasheet HTML 51Page - Microchip Technology PIC18F4321 Datasheet HTML 52Page - Microchip Technology PIC18F4321 Datasheet HTML 53Page - Microchip Technology PIC18F4321 Datasheet HTML 54Page - Microchip Technology PIC18F4321 Datasheet HTML 55Page - Microchip Technology PIC18F4321 Datasheet HTML 56Page - Microchip Technology PIC18F4321 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 396 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39689E-page 51
PIC18F4321 FAMILY
ADRESH
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
2221 2321 4221 4321
--00 0000
--00 0000
--uu uuuu
ADCON1
2221 2321 4221 4321
--00 0qqq
--00 0qqq
--uu uuuu
ADCON2
2221 2321 4221 4321
0-00 0000
0-00 0000
u-uu uuuu
CCPR1H
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
2221 2321 4221 4321
--00 0000
--00 0000
--uu uuuu
CCPR2H
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
2221 2321 4221 4321
--00 0000
--00 0000
--uu uuuu
BAUDCON
2221 2321 4221 4321
0100 0-00
0100 0-00
--uu uuuu
ECCP1DEL
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
ECCP1AS
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
2221 2321 4221 4321
0000 00--
0000 00--
uuuu uu--
CVRCON
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
CMCON
2221 2321 4221 4321
0000 0111
0000 0111
uuuu uuuu
TMR3H
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
2221 2321 4221 4321
0000 0000
uuuu uuuu
uuuu uuuu
SPBRGH
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
SPBRG
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
RCREG
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
TXREG
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
TXSTA
2221 2321 4221 4321
0000 0010
0000 0010
uuuu uuuu
RCSTA
2221 2321 4221 4321
0000 000x
0000 000x
uuuu uuuu
EEADR
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
EEDATA
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
EECON2
2221 2321 4221 4321
0000 0000
0000 0000
0000 0000
EECON1
2221 2321 4221 4321
xx-0 x000
uu-0 u000
uu-0 u000
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com