Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102DCTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102DCTR
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DCTR Datasheet(HTML) 2 Page - Texas Instruments

  LSF0102DCTR Datasheet HTML 1Page - Texas Instruments LSF0102DCTR Datasheet HTML 2Page - Texas Instruments LSF0102DCTR Datasheet HTML 3Page - Texas Instruments LSF0102DCTR Datasheet HTML 4Page - Texas Instruments LSF0102DCTR Datasheet HTML 5Page - Texas Instruments LSF0102DCTR Datasheet HTML 6Page - Texas Instruments LSF0102DCTR Datasheet HTML 7Page - Texas Instruments LSF0102DCTR Datasheet HTML 8Page - Texas Instruments LSF0102DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 5
5.1 Absolute Maximum Ratings........................................ 5
5.2 ESD Ratings............................................................... 5
5.3 Recommended Operating Conditions.........................5
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................6
5.6 LSF0102 AC Performance (Translating Down)
Switching Characteristics , VCCB = 3.3V........................6
5.7 LSF0102 AC Performance (Translating Down)
Switching Characteristics, VCCB = 2.5V.........................6
5.8 LSF0102 AC Performance (Translating Up)
Switching Characteristics, VCCB = 3.3V.........................6
5.9 LSF0102 AC Performance (Translating Up)
Switching Characteristics, VCCB = 2.5V.........................7
5.10 Typical Characteristics.............................................. 7
6 Parameter Measurement Information............................ 8
7 Detailed Description........................................................9
7.1 Overview..................................................................... 9
7.2 Functional Block Diagram........................................... 9
7.3 Feature Description.....................................................9
7.4 Device Functional Modes..........................................10
8 Application and Implementation.................................. 12
8.1 Application Information............................................. 12
8.2 Typical Applications.................................................. 12
8.3 Power Supply Recommendations.............................18
8.4 Layout....................................................................... 19
9 Device and Documentation Support............................20
9.1 Related Documentation............................................ 20
9.2 Receiving Notification of Documentation Updates....20
9.3 Support Resources................................................... 20
9.4 Trademarks...............................................................20
9.5 Electrostatic Discharge Caution................................20
9.6 Glossary....................................................................20
10 Mechanical, Packaging, and Orderable
Information.................................................................... 20
11 Revision History.......................................................... 20
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com