Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102DCTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102DCTR
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DCTR Datasheet(HTML) 4 Page - Texas Instruments

  LSF0102DCTR Datasheet HTML 1Page - Texas Instruments LSF0102DCTR Datasheet HTML 2Page - Texas Instruments LSF0102DCTR Datasheet HTML 3Page - Texas Instruments LSF0102DCTR Datasheet HTML 4Page - Texas Instruments LSF0102DCTR Datasheet HTML 5Page - Texas Instruments LSF0102DCTR Datasheet HTML 6Page - Texas Instruments LSF0102DCTR Datasheet HTML 7Page - Texas Instruments LSF0102DCTR Datasheet HTML 8Page - Texas Instruments LSF0102DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
1
2
D
C
B
A
Not to scale
A2
B2
A1
B1
Vref_A
Vref_B
GND
EN
Figure 4-4. LSF0102 YZT Package, 8-Pin DSBGA (Bottom View)
Legend
Input
Input or Output
Ground
Table 4-2. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
C1
A1
I/O
Auto-Bidirectional Data port
D1
A2
I/O
C2
B1
I/O
D2
B2
I/O
B1
Vref_A
—
Reference supply voltage.
For proper device biasing, see Section 8 and Understanding the Bias Circuit for the LSF Family.
B2
Vref_B
—
A2
EN
I
Enable input; connect to Vref_B and pull-up through a high resistor (200kΩ). See Using the Enable
Pin with the LSF Family
A1
GND
—
Ground
(1)
I= input, O = output
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com