Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327P Datasheet(PDF) 36 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 36 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 32Page - ELM Electronics ELM327P Datasheet HTML 33Page - ELM Electronics ELM327P Datasheet HTML 34Page - ELM Electronics ELM327P Datasheet HTML 35Page - ELM Electronics ELM327P Datasheet HTML 36Page - ELM Electronics ELM327P Datasheet HTML 37Page - ELM Electronics ELM327P Datasheet HTML 38Page - ELM Electronics ELM327P Datasheet HTML 39Page - ELM Electronics ELM327P Datasheet HTML 40Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
ELM327
36 of 51
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
J1939 Support
The SAE J1939 CAN standard is a relatively new
protocol that is being used in many types of heavy
machinery
–
trucks,
agricultural
equipment,
and
busses, to name a few. It uses a standard CAN
(ISO 11898) physical interface, and defines its own
format for data transfer (although it is very similar to
the ISO 15765 that is used for automobiles).
The ELM327 offers some support for the J1939
standard in Protocol A. (Protocols B and C can be
selected
for
J1939
formatting
if
needed,
with
Programmable Parameters 2C and 2E). Although this
is not full support as dictated by the standards, the
ELM327 implementation should at least allow you to
begin experimenting.
The default data rate for Protocol A has been set
to 250 kbps, as set by the SAE J1939-11 standard.
Should your application require a different speed, it is
easily changed with PP 2B.
J1939 messages use 29 bit CAN IDs, and up to 8
data bytes for each message (ISO 15765 always uses
8 bytes). Diagnostics on SAE J1939 are defined by the
J1939-73 standard, and the actual data transfer
protocol is described in J1939-21. If you are going to
do a lot of work with J1939, it may be wise to purchase
these standards documents from the Society of
Automotive Engineers (SAE).
The ELM327 handles the sending of messages
with the J1939 protocol in the same way as any of the
other protocols. The header bytes are predefined for
you and all you need do is provide the data bytes that
you wish to send.
For example, assume that you wish to send
a
request for engine temperature (PGN 00FEEE). J1939
specifies a reverse order for the data bytes, so when
you tell the ELM327 what to send, you need to switch
the order of the data bytes, and then send them as you
would any other request:
>EE FE 00
The ELM327 then adds the required header (ID)
bytes, etc. and sends the message for you. (It also
configures itself correctly to be able to receive the
response.) Note that the ELM327 sets the header
bytes to EC FF F9 by default (for global requests from
OBD service tool #1), so if you want something else,
you will have to change the headers, using the AT SH
command.
All responses to a request are printed by the
ELM327, whether they are a single CAN message
transmission, or a multisegment transmission as
defined by the transport protocol (J1939-21). If the
responses are multisegment, the ELM327 handles all
of the negotiation for you (transparently - you won’t
see it happen). If formatting is on (ie CAF1), the output
will resemble the format used to print the ISO 15765-4
multiline responses. Note that if you provide three data
bytes, the ELM327 will assume that you are sending a
PGN, and will look for responses to that. If you send
other than 3 data bytes, it will assume that you are
making a general request, and will only look for
responses to the Source Address (as given in the third
byte of the header).
The SAE J1939 standard predefines several
Diagnostic Messages, and assigns ID values to them.
The first of these (designated ‘DM1’) are reserved for
trouble codes, which are periodically broadcast over
the CAN network. Since these are commonly required,
the ELM327 provides a special command to monitor
for them (aptly named DM1). If you wish to monitor for
all DM1 messages, simply issue:
>AT DM1
and the ELM327 will print out all that it finds.
The DM1 message is the only one that is presently
predefined by the ELM327 for you. To monitor for any
other diagnostic message, you need to know it’s PGN
number (in hexadecimal), and monitor for that using
the AT MP command. For example, the DM2 PGN
number is 65227, or 00FECB in hexadecimal. The
ELM327 requires hexadecimal, and assumes that all
PGNs begin with 00 – so to monitor for DM2s, you
need only send:
>AT MP FECB
and the IC will begin looking for all replies to DM2
requests.
Please note that the ELM327’s support for the
SAE J1939 standard is only basic (it does not support
address negotiation as described in J1939-73, for
example), and it has not undergone the extensive
testing that our automotive protocols have. We simply
have had a large number of requests for support of the
protocol, and wanted to provide something for you to
begin experimenting with. As always, we are quite
open to your feedback and your suggestions for future
upgrades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com