Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327P Datasheet(PDF) 13 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 13 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 9Page - ELM Electronics ELM327P Datasheet HTML 10Page - ELM Electronics ELM327P Datasheet HTML 11Page - ELM Electronics ELM327P Datasheet HTML 12Page - ELM Electronics ELM327P Datasheet HTML 13Page - ELM Electronics ELM327P Datasheet HTML 14Page - ELM Electronics ELM327P Datasheet HTML 15Page - ELM Electronics ELM327P Datasheet HTML 16Page - ELM Electronics ELM327P Datasheet HTML 17Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
13 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Commands (continued)
are always assumed to be 00. For example, the DM2
PGN has an assigned
value of 00FECB (see SAE
J1939-73). To monitor for all DM2 messages, you
would issue AT MP FECB, eliminating the 00, since
the ELM327 always assumes that the PGN is
preceeded by these two zeros.
This command is only available when a CAN
Protocol (A, B, or C) has been selected for SAE J1939
formatting. It returns an error if attempted under any
other conditions. Note also that this version of the
ELM327 only displays responses that match the
criteria, not the requests that are asking for the
information.
MR hh
[ Monitor for Receiver hh ]
This command also places the IC in a bus
monitoring mode, displaying only messages that were
sent to the hex address given by hh. These are
messages which are found to have the value hh in the
second byte of a traditional three byte OBD header, in
bits 8 to 15 of a 29 bit CAN ID, or in bits 8 to 10 of an
11 bit CAN ID. Any single RS232 character aborts the
monitoring, as with the MA command.
MT hh
[ Monitor for Transmitter hh ]
This command places the IC in a bus monitoring
mode, displaying only messages that were sent by the
transmitter at the hex address given by hh. These are
messages which are found to have that value in the
third byte of a traditional three byte OBD header, or in
bits 0 to 7 for CAN IDs. As with the MA and MR
monitoring
modes,
any
RS232
activity
(single
character) aborts the monitoring.
NL
[ Normal Length messages ]
Setting the NL mode on forces all sends and
receives to be limited to the standard seven data bytes
in length, similar to the other ELM32x OBD ICs. To
allow longer messages, use the AL command.
Beginning with v1.2, the ELM327 does not require
a change to AL to allow longer message lengths for
the KWP protocols to be received (as determined by
the header length values). You can simply leave the IC
set to the default setting of NL, and all of the received
bytes will be shown.
PC
[ Protocol Close ]
There may be occasions where it is desirable to
stop (deactivate) a protocol. Perhaps you are not using
the automatic protocol finding, and wish to manually
activate and deactivate protocols. Perhaps you wish to
stop the sending of idle (wakeup) messages, or have
another reason. The PC command is used in these
cases to force a protocol to close.
PP hh OFF
[ turn Prog. Parameter hh OFF ]
This command disables Programmable Parameter
number hh. Any value assigned using the PP hh SV
command will no longer be used, and the factory
default setting will once again be in effect. The actual
time when the new value for this parameter becomes
effective is determined by its type. Refer to the
Programmable
Parameters
section
for
more
information on the types.
Note that ‘PP FF OFF’ is a special command that
disables all of the Programmable Parameters, as if you
had entered PP OFF for every possible one.
It is possible to alter some of the Programmable
Parameters so that it may be difficult, or even
impossible, to communicate with the ELM327. If this
occurs, there is a hardware means of resetting all of
the Programmable Parameters at once. Connect a
jumper from circuit common to pin 28, holding it there
while powering up the ELM327 circuit. Hold it in
position until you see the RS232 Receive LED begin to
flash (which indicates that all of the PPs have been
turned off). At this point, remove the jumper to allow
the IC to perform a normal startup. Note that a reset of
the PPs occurs quite quickly – if you are holding the
jumper on for more than a few seconds and do not see
the RS232 receive light flashing, remove the jumper
and try again – there may be a problem with your
connection. This feature is only available beginning
with v1.2, and is not a provided with any earlier
versions of the ELM327 IC.
PP hh ON
[ turn Programmable Parameter hh ON ]
This command enables Programmable Parameter
number hh. Once enabled, any value assigned using
the PP hh SV command will be used where the factory
default value was before. Note that all programmable
parameter values are set to ‘FF’ at the factory, so
enabling a programmable parameter before assigning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com