Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/PQTP Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F16-E/PQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/PQTP Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F16-E/PQTP Datasheet HTML 13Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 14Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 15Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 16Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 17Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 18Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 19Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 20Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 15
PIC16F716
2.2.2.5
PIR1 Register
This register contains the individual flag bits for the
peripheral interrupts.
Note:
Interrupt flag bits get set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 2-5:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
—ADIF
—
—
—
CCP1IF
TMR2IF
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
ADIF: A/D Interrupt Flag bit
1
= A/D conversion complete
0
= A/D conversion has not completed or has not been started
bit 5-3
Unimplemented: Read as ‘0’
bit 2
CCP1IF: CCP1 Interrupt Flag bit
Capture Mode
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare Mode
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM Mode
Unused in this mode
bit 1
TMR2IF: Timer2 to PR2 Match Interrupt Flag bit
1
= Timer2 to PR2 match occurred (must be cleared in software)
0
= Timer2 to PR2 match has not occurred
bit 0
TMR1IF: Timer1 Overflow Interrupt Flag bit
1
= Timer1 register overflowed (must be cleared in software)
0
= Timer1 has not overflowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com