Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F202-E/P Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC10F202-E/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F202-E/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC10F202-E/P Datasheet HTML 16Page - Microchip Technology PIC10F202-E/P Datasheet HTML 17Page - Microchip Technology PIC10F202-E/P Datasheet HTML 18Page - Microchip Technology PIC10F202-E/P Datasheet HTML 19Page - Microchip Technology PIC10F202-E/P Datasheet HTML 20Page - Microchip Technology PIC10F202-E/P Datasheet HTML 21Page - Microchip Technology PIC10F202-E/P Datasheet HTML 22Page - Microchip Technology PIC10F202-E/P Datasheet HTML 23Page - Microchip Technology PIC10F202-E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
PIC10F200/202/204/206
DS41239D-page 18
© 2007 Microchip Technology Inc.
4.3.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral functions to control the
operation of the device (Table 4-1).
The Special Function Registers can be classified into
two sets. The Special Function Registers associated
with the “core” functions are described in this section.
Those related to the operation of the peripheral
features are described in the section for each
peripheral feature.
TABLE 4-1:
SPECIAL FUNCTION REGISTER (SFR) SUMMARY (PIC10F200/202/204/206)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset(2)
Page #
00h
INDF
Uses Contents of FSR to Address Data Memory (not a physical register)
xxxx xxxx
23
01h
TMR0
8-bit Real-Time Clock/Counter
xxxx xxxx
29, 33
02h(1)
PCL
Low-order 8 bits of PC
1111 1111
22
03h
STATUS
GPWUF
CWUF(5)
—TO
PD
ZDC
C
00-1 1xxx
(3)
19
04h
FSR
Indirect Data Memory Address Pointer
111x xxxx
23
05h
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
FOSC4
1111 1110
21
06h
GPIO
—
—
—
—
GP3
GP2
GP1
GP0
---- xxxx
25
07h(4)
CMCON0 CMPOUT COUTEN
POL
CMPT0CS CMPON
CNREF CPREF
CWU
1111 1111
34
N/A
TRISGPIO
—
—
—
—
I/O Control Register
---- 1111
37
N/A
OPTION
GPWU
GPPU
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
20
Legend:
– = unimplemented, read as ‘0’, x = unknown, u = unchanged, q = value depends on condition.
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 4.7 “Program Counter” for an
explanation of how to access these bits.
2:
Other (non Power-up) Resets include external Reset through MCLR, Watchdog Timer and wake-up on pin change
Reset.
3:
See Table 9-1 for other Reset specific values.
4:
PIC10F204/206 only.
5:
PIC10F204/206 only. On all other devices, this bit is reserved and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com