Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F202-E/P Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC10F202-E/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F202-E/P Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC10F202-E/P Datasheet HTML 47Page - Microchip Technology PIC10F202-E/P Datasheet HTML 48Page - Microchip Technology PIC10F202-E/P Datasheet HTML 49Page - Microchip Technology PIC10F202-E/P Datasheet HTML 50Page - Microchip Technology PIC10F202-E/P Datasheet HTML 51Page - Microchip Technology PIC10F202-E/P Datasheet HTML 52Page - Microchip Technology PIC10F202-E/P Datasheet HTML 53Page - Microchip Technology PIC10F202-E/P Datasheet HTML 54Page - Microchip Technology PIC10F202-E/P Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 49
PIC10F200/202/204/206
FIGURE 9-9:
BROWN-OUT
PROTECTION CIRCUIT 3
9.9
Power-Down Mode (Sleep)
A device may be powered down (Sleep) and later
powered up (wake-up from Sleep).
9.9.1
SLEEP
The Power-Down mode is entered by executing a
SLEEP instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the TO bit (STATUS<4>) is set, the PD
bit (STATUS<3>) is cleared and the oscillator driver is
turned off. The I/O ports maintain the status they had
before the SLEEP instruction was executed (driving
high, driving low or high-impedance).
For lowest current consumption while powered down,
the T0CKI input should be at VDD or VSS and the GP3/
MCLR/VPP pin must be at a logic high level if MCLR is
enabled.
9.9.2
WAKE-UP FROM SLEEP
The device can wake-up from Sleep through one of
the following events:
1.
An external Reset input on GP3/MCLR/VPP pin,
when configured as MCLR.
2.
A Watchdog Timer time-out Reset (if WDT was
enabled).
3.
A change on input pin GP0, GP1 or GP3 when
wake-up on change is enabled.
4.
A comparator output change has occurred when
wake-up on comparator change is enabled.
These events cause a device Reset. The TO, PD
GPWUF and CWUF bits can be used to determine the
cause of device Reset. The TO bit is cleared if a WDT
time-out occurred (and caused wake-up). The PD bit,
which is set on power-up, is cleared when SLEEP is
invoked. The GPWUF bit indicates a change in state
while in Sleep at pins GP0, GP1 or GP3 (since the last
file or bit operation on GP port). The CWUF bit
indicates a change in the state while in Sleep of the
comparator output.
Note:
A Reset generated by a WDT time-out
does not drive the MCLR pin low.
Note:
This brown-out protection circuit employs
Microchip Technology’s MCP809 micro-
controller supervisor. There are 7 different
trip point selections to accommodate 5V to
3V systems.
MCLR
PIC10F20X
VDD
VDD
VSS
RST
MCP809
VDD
Bypass
Capacitor
Note:
Caution: Right before entering Sleep,
read the input pins. When in Sleep, wake-
up occurs when the values at the pins
change from the state they were in at the
last reading. If a wake-up on change
occurs and the pins are not read before re-
entering Sleep, a wake-up will occur
immediately even if no pins change while
in Sleep mode.
Note:
The WDT is cleared when the device
wakes from Sleep, regardless of the wake-
up source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com