Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-I/P Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F16-I/P
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F16-I/P Datasheet HTML 17Page - Microchip Technology PIC16F16-I/P Datasheet HTML 18Page - Microchip Technology PIC16F16-I/P Datasheet HTML 19Page - Microchip Technology PIC16F16-I/P Datasheet HTML 20Page - Microchip Technology PIC16F16-I/P Datasheet HTML 21Page - Microchip Technology PIC16F16-I/P Datasheet HTML 22Page - Microchip Technology PIC16F16-I/P Datasheet HTML 23Page - Microchip Technology PIC16F16-I/P Datasheet HTML 24Page - Microchip Technology PIC16F16-I/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 19
PIC16F716
3.0
I/O PORTS
Some pins for these I/O ports are multiplexed with an
alternate function for the peripheral features on the
device. In general, when a peripheral is enabled, that
pin may not be used as a general purpose I/O pin.
3.1
PORTA and the TRISA Register
PORTA is a 5-bit wide bidirectional port. The
corresponding data direction register is TRISA. Setting
a TRISA bit (= 1) will make the corresponding PORTA
pin an input (i.e., put the corresponding output driver in
a High-impedance mode). Clearing a TRISA bit (= 0)
will make the corresponding PORTA pin an output (i.e.,
put the contents of the output latch on the selected pin).
Reading the PORTA register reads the status of the
pins, whereas writing to it will write to the PORT latch.
All write operations are read-modify-write operations.
Therefore, a write to a port implies that the port pins are
read, the value is modified and then written to the
PORT data latch.
Pin RA4 is multiplexed with the Timer0 module clock
input to become the RA4/T0CKI pin. The RA4/T0CKI
pin is a Schmitt Trigger input and an open drain output.
All other RA port pins have TTL input levels and full
CMOS output drivers.
PORTA pins, RA<3:0>, are multiplexed with analog
inputs and analog VREF input. The operation of each
pin is selected by clearing/setting the control bits in the
ADCON1 register (A/D Control Register 1).
The TRISA register controls the direction of the RA
pins, even when they are being used as analog inputs.
The user must ensure the bits in the TRISA register are
maintained set when using them as analog inputs.
EXAMPLE 3-1:
INITIALIZING PORTA
FIGURE 3-1:
BLOCK DIAGRAM OF
RA<3:0>
Note:
On a Power-on Reset, these pins are
configured as analog inputs and read as
‘0’.
Note:
Setting RA3:0 to output while in Analog
mode will force pins to output contents of
data latch.
BCF
STATUS, RP0
;
CLRF
PORTA
;Initialize PORTA by
;clearing output
;data latches
BSF
STATUS, RP0
;Select Bank 1
MOVLW
0xEF
;Value used to
;initialize data
;direction
MOVWF
TRISA
;Set RA<3:0> as inputs
;RA<4> as outputs
BCF
STATUS, RP0
;Return to Bank 0
DATA
BUS
Q
D
Q
CK
Q
D
Q
QD
EN
P
N
WR
PORT
WR
TRIS
Data Latch
TRIS Latch
RD TRIS
RD PORT
VSS
VDD
I/O pin
Analog
Input
mode
TTL
Input
Buffer
To A/D Converter
VSS
VDD
CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com