Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F946-E/MLQTP Datasheet(PDF) 241 Page - Microchip Technology

Part # PIC16F946-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F946-E/MLQTP Datasheet(HTML) 241 Page - Microchip Technology

Back Button PIC16F946-E/MLQTP Datasheet HTML 237Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 238Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 239Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 240Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 241Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 242Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 243Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 244Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 239
PIC16F913/914/916/917/946
16.9
In-Circuit Debugger
When the debug bit in the Configuration Word register
is programmed to a ‘0’, the In-Circuit Debugger func-
tionality is enabled. This function allows simple debug-
ging functions when used with MPLAB® ICD 2. When
the microcontroller has this feature enabled, some of
the resources are not available for general use. See
Table 16-9 for more detail.
For more information, see “Using MPLAB® ICD 2”
(DS51265), available on Microchip’s web site
(www.microchip.com).
16.9.1
ICD PINOUT
The devices in the PIC16F91X/946 family carry the
circuitry for the In-Circuit Debugger on-chip and on
existing device pins. This eliminates the need for a
separate die or package for the ICD device. The
pinout for the ICD device is the same as the devices
(see Section 1.0 “Device Overview” for complete
pinout and pin descriptions). Table 16-9 shows the
location and function of the ICD related pins on the 28
and 40-pin devices.
TABLE 16-9:
PIC16F91X/946-ICD PIN DESCRIPTIONS
Note: The user’s application must have the
circuitry
required
to
support
ICD
functionality. Once the ICD circuitry is
enabled, normal device pin functions on
RB6/ICSPCLK/ICDCK/SEG14
and
RB7/ICSPDAT/ICDDAT/SEG13 will not be
usable. The ICD circuitry uses these pins for
communication with the ICD2 external
debugger.
Pin Numbers
Name
Type
Pull-up
Description
PDIP
TQFP
PIC16F914/917 PIC16F913/916
PIC16F946
40
28
24
ICDDATA
TTL
—
In Circuit Debugger Bidirectional data
39
27
23
ICDCLK
ST
—
In Circuit Debugger Bidirectional clock
1
1
36
MCLR/VPP
HV
—
Programming voltage
11,32
20
10, 19, 38, 51
VDD
P—
Power
12,31
8,19
9, 20, 41, 56
VSS
P
—
Ground
——
26
AVDD
P
—
Analog power
——
25
AVSS
P
—
Analog ground
Legend:
TTL = TTL input buffer, ST = Schmitt Trigger input buffer, P = Power, HV = High Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com