Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F946-E/MLQTP Datasheet(PDF) 283 Page - Microchip Technology

Part # PIC16F946-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F946-E/MLQTP Datasheet(HTML) 283 Page - Microchip Technology

Back Button PIC16F946-E/MLQTP Datasheet HTML 279Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 280Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 281Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 282Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 283Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 284Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 285Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 286Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 281
PIC16F913/914/916/917/946
TABLE 19-15: I2C™ BUS START/STOP BITS REQUIREMENTS
FIGURE 19-19:
I2C™ BUS DATA TIMING
Param
No.
Symbol
Characteristic
Min.
Typ. Max. Units
Conditions
90*
TSU:STA
Start condition
Setup time
400 kHz mode
600
—
—
ns
Only relevant for Repeated
Start condition
91*
THD:STA Start condition
Hold time
400 kHz mode
600
—
—
ns
After this period, the first
clock pulse is generated
92*
TSU:STO
Stop condition
Setup time
400 kHz mode
600
—
—
ns
93
THD:STO Stop condition
Hold time
400 kHz mode
600
—
—
ns
* These parameters are characterized but not tested.
Note: Refer to Figure 19-3 for load conditions.
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com