Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM007 Datasheet(PDF) 31 Page - Seagate Technology LLC

Part # ST2000DM007
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM007 Datasheet(HTML) 31 Page - Seagate Technology LLC

Back Button ST2000DM007 Datasheet HTML 27Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 28Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 29Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 30Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 31Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 32Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 33Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 34Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 35Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
30
www.seagate.com
SATA Interface
Security Freeze
F5H
Security Set Password
F1H
Security Unlock
F2H
Seek
70H
Set Features
EFH
Set Max Address
F9H
Note: Individual Set Max Address
commands are identified by the value
placed in the Set Max Features register
as defined to the right.
Address:
Password:
Lock:
Unlock:
Freeze Lock:
00H
01H
02H
03H
04H
Set Max Address Extended
37H
Set Multiple Mode
C6H
Sleep
E6H
S.M.A.R.T. Disable Operations
B0H / D9H
S.M.A.R.T. Enable/Disable Autosave
B0H / D2H
S.M.A.R.T. Enable Operations
B0H / D8H
S.M.A.R.T. Execute Offline
B0H / D4H
S.M.A.R.T. Read Attribute Thresholds
B0H / D1H
S.M.A.R.T. Read Data
B0H / D0H
S.M.A.R.T. Read Log Sector
B0H / D5H
S.M.A.R.T. Return Status
B0H / DAH
S.M.A.R.T. Save Attribute Values
B0H / D3H
S.M.A.R.T. Write Log Sector
B0H / D6H
Standby
E2H
Standby Immediate
E0H
Write Buffer
E8H
Write DMA
CAH
Write DMA Extended
35H
Write DMA FUA Extended
3DH
Write DMA Without Retries
CBH
Write Log Extended
3FH
Write Multiple
C5H
Write Multiple Extended
39H
Write Multiple FUA Extended
CEH
Write Sectors
30H
Write Sectors Without Retries
31H
Write Sectors Extended
34H
Write Uncorrectable
45H
Table 8
SATA standard commands (continued)
Command name
Command code (in hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com