Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM007 Datasheet(PDF) 23 Page - Seagate Technology LLC

Part # ST2000DM007
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM007 Datasheet(HTML) 23 Page - Seagate Technology LLC

Back Button ST2000DM007 Datasheet HTML 19Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 20Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 21Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 22Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 23Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 24Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 25Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 26Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 27Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
22
www.seagate.com
Configuring and Mounting the Drive
3.0
Configuring and Mounting the Drive
This section contains the specifications and instructions for configuring and mounting the drive.
3.1
Handling and static-discharge precautions
After unpacking, and before installation, the drive may be exposed to potential handling and electrostatic discharge (ESD)
hazards. Observe the following standard handling and static-discharge precautions:
Caution
• Before handling the drive, put on a grounded wrist strap, or ground oneself frequently by touching the metal chassis of
a computer that is plugged into a grounded outlet. Wear a grounded wrist strap throughout the entire installation
procedure.
• Handle the drive by its edges or frame only.
• The drive is extremely fragile—handle it with care. Do not press down on the drive top cover.
• Always rest the drive on a padded, antistatic surface until mounting it in the computer.
• Do not touch the connector pins or the printed circuit board.
• Do not remove the factory-installed labels from the drive or cover them with additional labels. Removal voids the warranty.
Some factory-installed labels contain information needed to service the drive. Other labels are used to seal out dirt and
contamination.
3.2
Configuring the drive
Each drive on the SATA interface connects point-to-point with the SATA host adapter. There is no master/slave relationship
because each drive is considered a master in a point-to-point relationship. If two drives are attached on one SATA host
adapter, the host operating system views the two devices as if they were both “masters” on two separate ports. Both drives
behave as if they are Device 0 (master) devices.
SATA drives are designed for easy installation. It is usually not necessary to set any jumpers on the drive for proper
operation; however, if users connect the drive and receive a “drive not detected” error, the SATA-equipped motherboard or
host adapter may use a chipset that does not support SATA speed autonegotiation.
3.3
SATA cables and connectors
The SATA interface cable consists of four conductors in two differential pairs, plus three ground connections. The cable size
may be 30 to 26 AWG with a maximum length of one meter (39.37 inches). See Table 7 for connector pin definitions. Either
end of the SATA signal cable can be attached to the drive or host.
For direct backplane connection, the drive connectors are inserted directly into the host receptacle. The drive and the host
receptacle incorporate features that enable the direct connection to be hot pluggable and blind mateable.
For installations which require cables, users can connect the drive as illustrated in Figure 1.
Figure 1
Attaching SATA cabling
Each cable is keyed to ensure correct orientation. BarraCuda drives support latching SATA connectors.
Power cable
Signal cable
Signal connector
Power connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com