Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628A-E/ML Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 53Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 54Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 55Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 56Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 57Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 58Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 59Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 60Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 55
PIC16F627A/628A/648A
9.0
CAPTURE/COMPARE/PWM
(CCP) MODULE
The CCP (Capture/Compare/PWM) module contains a
16-bit register which can operate as a 16-bit Capture
register, as a 16-bit Compare register or as a PWM
master/slave Duty Cycle register. Table 9-1 shows the
timer resources of the CCP module modes.
CCP1 Module
Capture/Compare/PWM
Register1
(CCPR1)
is
comprised of two 8-bit registers: CCPR1L (low byte)
and CCPR1H (high byte). The CCP1CON register
controls the operation of CCP1. All are readable and
writable.
Additional information on the CCP module is available
in the “PIC® Mid-Range MCU Family Reference Man-
ual” (DS33023).
TABLE 9-1:
CCP MODE – TIMER
RESOURCE
REGISTER 9-1:
CCP1CON – CCP OPERATION REGISTER (ADDRESS: 17h)
CCP Mode
Timer Resource
Capture
Timer1
Compare
Timer1
PWM
Timer2
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2 CCP1M1 CCP1M0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
CCP1X:CCP1Y: PWM Least Significant bits
Capture Mode
Unused
Compare Mode
Unused
PWM Mode
These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPRxL.
bit 3-0
CCP1M<3:0>: CCPx Mode Select bits
0000
= Capture/Compare/PWM off (resets CCP1 module)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCP1IF bit is set)
1001
= Compare mode, clear output on match (CCP1IF bit is set)
1010
= Compare mode, generate software interrupt on match (CCP1IF bit is set, CCP1 pin is
unaffected)
1011
= Compare mode, trigger special event (CCP1IF bit is set; CCP1 resets TMR1
11xx
= PWM mode
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com