Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628A-E/ML Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 72Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 73Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 74Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 75Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 76Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 77Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 78Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 79Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 74
© 2007 Microchip Technology Inc.
TABLE 12-3:
BAUD RATES FOR SYNCHRONOUS MODE
BAUD
RATE (K)
FOSC = 20 MHz
SPBRG
value
(decimal)
16 MHz
SPBRG
value
(decimal)
10 MHz
SPBRG
value
(decimal)
KBAUD
ERROR
KBAUD
ERROR
KBAUD
ERROR
0.3
NA—
—NA—
—NA—
—
1.2
NA—
—NA—
—NA—
—
2.4
NA—
—NA—
—NA—
—
9.6
NA
—
—
NA
—
—
9.766
+1.73%
255
19.2
19.53
+1.73%
255
19.23
+0.16%
207
19.23
+0.16%
129
76.8
76.92
+0.16%
64
76.92
+0.16%
51
75.76
-1.36%
32
96
96.15
+0.16%
51
95.24
-0.79%
41
96.15
+0.16%
25
300
294.1
-1.96
16
307.69
+2.56%
12
312.5
+4.17%
7
500
500
0
9
500
0
7
500
0
4
HIGH
5000
—
0
4000
—
0
2500
—
0
LOW
19.53
—
255
15.625
—
255
9.766
—
255
BAUD
RATE (K)
FOSC = 7.15909 MHz
SPBRG
value
(decimal)
5.0688 MHz
SPBRG
value
(decimal)
4 MHz
SPBRG
value
(decimal)
KBAUD
ERROR
KBAUD
ERROR
KBAUD
ERROR
0.3
NA—
—NA—
—NA—
—
1.2
NA—
—NA—
—NA—
—
2.4
NA—
—NA—
—NA—
—
9.6
9.622
+0.23%
185
9.6
0
131
9.615
+0.16%
103
19.2
19.24
+0.23%
92
19.2
0
65
19.231
+0.16%
51
76.8
77.82
+1.32
22
79.2
+3.13%
15
75.923
+0.16%
12
96
94.20
-1.88
18
97.48
+1.54%
12
1000
+4.17%
9
300
298.3
-0.57
5
316.8
5.60%
3
NA
—
—
500
NA
—
—
NA
—
—NA—
—
HIGH
1789.8
—
0
1267
—
0
100
—
0
LOW
6.991
—
255
4.950
—
255
3.906
—
255
BAUD
RATE (K)
FOSC = 3.579545 MHz
SPBRG
value
(decimal)
1 MHz
SPBRG
value
(decimal)
32.768 kHz
SPBRG
value
(decimal)
KBAUD
ERROR
KBAUD
ERROR
KBAUD
ERROR
0.3
NA
—
—
NA
—
—
0.303
+1.14%
26
1.2
NA
—
—
1.202
+0.16%
207
1.170
-2.48%
6
2.4
NA
—
—
2.404
+0.16%
103
NA
——
9.6
9.622
+0.23%
92
9.615
+0.16%
25
NA
—
—
19.2
19.04
-0.83%
46
19.24
+0.16%
12
NA
—
—
76.8
74.57
-2.90%
11
83.34
+8.51%
2
NA
—
—
96
99.43
+3.57%
8
NA
——
NA
—
—
300
298.3
0.57%
2
NA
—
—
NA
—
—
500
NA
—
—NA—
—NA—
—
HIGH
894.9
—
0
250
—
0
8.192
—
0
LOW
3.496
—
255
0.9766
—
255
0.032
—
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com