Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628A-E/ML Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 128Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 129Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 130Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 125
PIC16F627A/628A/648A
RETLW
Return with Literal in W
Syntax:
[ label ]
RETLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W);
TOS
→ PC
Status Affected:
None
Encoding:
11
01xx
kkkk
kkkk
Description:
The W register is loaded with
the eight-bit literal ‘k’. The
program counter is loaded from
the top of the stack (the return
address). This is a two-cycle
instruction.
Words:
1
Cycles:
2
Example
TABLE
CALL TABLE;W contains table
;offset value
•
;W now has table value
•
•
ADDWF PC;W = offset
RETLW k1;Begin table
RETLW k2;
•
•
•
RETLW kn; End of table
Before Instruction
W = 0x07
After Instruction
W = value of k8
RETURN
Return from Subroutine
Syntax:
[ label ]
RETURN
Operands:
None
Operation:
TOS
→ PC
Status Affected:
None
Encoding:
00
0000
0000
1000
Description:
Return from subroutine. The
stack is POPed and the top of
the stack (TOS) is loaded into
the program counter. This is a
two-cycle instruction.
Words:
1
Cycles:
2
Example
RETURN
After Interrupt
PC = TOS
RLF
Rotate Left f through Carry
Syntax:
[ label ]
RLF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
00
1101
dfff
ffff
Description:
The contents of register ‘f’ are
rotated one bit to the left through
the Carry Flag. If ‘d’ is ‘0’, the
result is placed in the W register.
If ‘d’ is ‘1’, the result is stored
back in register ‘f’.
Words:
1
Cycles:
1
Example
RLF
REG1, 0
Before Instruction
REG1=1110 0110
C
=0
After Instruction
REG1=1110 0110
W
= 1100 1100
C
=1
REGISTER F
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com