Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CLP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TL431CLP
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431CLP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TL431CLP Datasheet HTML 4Page - NXP Semiconductors TL431CLP Datasheet HTML 5Page - NXP Semiconductors TL431CLP Datasheet HTML 6Page - NXP Semiconductors TL431CLP Datasheet HTML 7Page - NXP Semiconductors TL431CLP Datasheet HTML 8Page - NXP Semiconductors TL431CLP Datasheet HTML 9Page - NXP Semiconductors TL431CLP Datasheet HTML 10Page - NXP Semiconductors TL431CLP Datasheet HTML 11Page - NXP Semiconductors TL431CLP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
8
TYPICAL CHARACTERISTICS
SL01182
Pulse Response
0
1
234
5
6
7
t – TIME –
µs
7
6
5
4
3
2
1
0
Test Circuit
50
Ω
OUTPUT
GND
220
Ω
PULSE
GENERATOR
f = 100kHz
Figure 14.
Pulse Response
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
10
CL – LOAD CAPACITANCE – (µF)
Tamb = 25°C
AVKA = Vref
BVKA = 5V
CVKA = 10V
DVKA = 15V
A
A
B
C
D
STABLE
STABLE
UNSTABLE
VKA < 5
UNSTABLE
VKA < 10
UNSTABLE VKA < 15V
SL01176
UNSTABLE VKA
CL
150
Ω
IK
VBATT
Test Circuit for Curve A
CL
150
Ω
IK
VBATT
R1 = 10k
Ω
R2
Test Circuit for Curves B, C, and D
Figure 15.
Stability Boundary Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com