Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CLP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TL431CLP
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431CLP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TL431CLP Datasheet HTML 8Page - NXP Semiconductors TL431CLP Datasheet HTML 9Page - NXP Semiconductors TL431CLP Datasheet HTML 10Page - NXP Semiconductors TL431CLP Datasheet HTML 11Page - NXP Semiconductors TL431CLP Datasheet HTML 12Page - NXP Semiconductors TL431CLP Datasheet HTML 13Page - NXP Semiconductors TL431CLP Datasheet HTML 14Page - NXP Semiconductors TL431CLP Datasheet HTML 15Page - NXP Semiconductors TL431CLP Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
14
TO-92 transistors on tape
TO-92
P
A1
A
H2
P0
P2
F
F1
F2
D0
(p)
H1
H0
L
W2
W0 W
1
W
t
t1
T
∆h
∆h
SL01192
Table 2. Tape specification (TO-92 leaded types)
SYMBOL
DIMENSION
SPECIFICATIONS
REMARKS
SYMBOL
DIMENSION
MIN.
NOM.
MAX.
TOL.
UNIT
REMARKS
A1
Body width
4
–
4.8
–
mm
A
Body height
4.8
5.2
–
mm
T
Body thickness
3.5
3.9
–
mm
P
Pitch of component
–
12.7
–
±1
mm
P0
Feed hole pitch
–
12.7
–
±0.3
mm
Cumulative pitch error
–
–
–
±0.1
mm
Note 1
P2
Feed hole center to component center
–
6.35
–
±0.4
mm
to be measured at bottom of clinch
F
Distance between outer leads
–
5.08
–
+0.6/–0.2
mm
∆h
Component alignment
–
0
1
–
mm
W
Tape width
–
18
–
±0.5
mm
W0
Hold-down tape width
–
6
–
±0.2
mm
W1
Hole position
–
9
–
+0.7/–0.5
mm
W2
Hold-down tape position
–
0.5
–
±0.2
mm
H0
Lead wire clinch height
–
16.5
–
±0.5
mm
H1
Component height
–
–
23.25
–
mm
L
Length of snipped leads
–
–
11
–
mm
D0
Feed hole diameter
–
4
–
±0.2
mm
t
Total tape thickness
–
–
1.2
–
mm
F1, F2
Lead-to-lead distance
–
–
–
+0.4/–0.2
mm
H2
Clinch height
–
–
–
–
mm
(p)
Pull-out force
6
–
–
–
N
NOTE:
1. Measured over 20 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com