Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2011A20E/P Datasheet(PDF) 132 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 132 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 128Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 129Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 130Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 131Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 132Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 133Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 134Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 135Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 130
© 2006 Microchip Technology Inc.
Any interrupt that is individually enabled (using the cor-
responding IE bit) and meets the prevailing priority level
will be able to wake-up the processor. The processor will
process the interrupt and branch to the ISR. The Sleep
Status bit in the RCON register is set upon wake-up.
All Resets will wake-up the processor from Sleep
mode. Any Reset, other than POR, will set the Sleep
Status bit. In a POR, the Sleep bit is cleared.
If the Watchdog Timer is enabled, then the processor
will wake-up from Sleep mode upon WDT time-out. The
Sleep and WDTO Status bits are both set.
17.6.2
IDLE MODE
In Idle mode, the clock to the CPU is shut down while
peripherals keep running. Unlike Sleep mode, the clock
source remains active.
Several peripherals have a control bit in each module
that allows them to operate during Idle.
LPRC Fail-Safe Clock remains active if clock failure
detect is enabled.
The processor wakes up from Idle if at least one of the
following conditions has occurred:
• any interrupt that is individually enabled (IE bit is
‘1’) and meets the required priority level
• any Reset (POR, BOR, MCLR)
• WDT time-out
Upon wake-up from Idle mode, the clock is re-applied
to the CPU and instruction execution begins immedi-
ately, starting with the instruction following the PWRSAV
instruction.
Any interrupt that is individually enabled (using IE bit)
and meets the prevailing priority level will be able to
wake-up the processor. The processor will process the
interrupt and branch to the ISR. The Idle Status bit in
the RCON register is set upon wake-up.
Any Reset other than POR will set the Idle Status bit.
On a POR, the Idle bit is cleared.
If Watchdog Timer is enabled, then the processor will
wake-up from Idle mode upon WDT time-out. The Idle
and WDTO Status bits are both set.
Unlike wake-up from Sleep, there are no time delays
involved in wake-up from Idle.
17.7
Device Configuration Registers
The Configuration bits in each device Configuration
register specify some of the device modes and are
programmed by a device programmer, or by using the
In-Circuit Serial Programming™ (ICSP™) feature of
the device. Each device Configuration register is a
24-bit register, but only the lower 16 bits of each regis-
ter are used to hold configuration data. There are four
device Configuration registers available to the user:
1.
FOSC (0xF80000): Oscillator Configuration
Register
2.
FWDT (0xF80002): Watchdog Timer
Configuration Register
3.
FBORPOR (0xF80004): BOR and POR
Configuration Register
4.
FGS (0xF8000A): General Code Segment
Configuration Register
The placement of the Configuration bits is automati-
cally handled when you select the device in your device
programmer. The desired state of the Configuration bits
may be specified in the source code (dependent on the
language tool used), or through the programming
interface. After the device has been programmed, the
application software may read the Configuration bit
values through the table read instructions. For addi-
tional information, please refer to the Programming
Specifications of the device.
Note:
In spite of various delays applied (TPOR,
TLOCK and TPWRT), the crystal oscillator
(and PLL) may not be active at the end of
the time-out (e.g., for low-frequency crys-
tals). In such cases, if FSCM is enabled,
then the device will detect this as a clock
failure and process the clock failure trap, the
FRC oscillator will be enabled and the user
will have to re-enable the crystal oscillator. If
FSCM is not enabled, then the device will
simply suspend execution of code until the
clock is stable and will remain in Sleep until
the oscillator clock has started.
Note:
If the code protection Configuration fuse
bits
(FGS<GCP>
and
FGS<GWRP>)
have been programmed, an erase of the
entire
code-protected
device
is
only
possible at voltages VDD
≥ 4.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com