Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2011A20E/P Datasheet(PDF) 136 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 136 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 132Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 133Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 134Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 135Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 136Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 137Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 138Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 139Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 134
© 2006 Microchip Technology Inc.
All instructions are a single word, except for certain
double-word instructions, which were made double-
word instructions so that all the required information is
available in these 48 bits. In the second word, the
8MSbs are ‘0’s. If this second word is executed as an
instruction (by itself), it will execute as a NOP.
Most single-word instructions are executed in a single
instruction cycle, unless a conditional test is true or the
program counter is changed as a result of the instruc-
tion. In these cases, the execution takes two instruction
cycles with the additional instruction cycle(s) executed
as a NOP. Notable exceptions are the BRA (uncondi-
tional/computed branch), indirect CALL/GOTO, all table
reads and writes, and RETURN/RETFIE instructions,
which are single-word instructions but take two or three
cycles. Certain instructions that involve skipping over
the subsequent instruction require either two or three
cycles if the skip is performed, depending on whether
the instruction being skipped is a single-word or two-
word
instruction.
Moreover,
double-word
moves
require two cycles. The double-word instructions
execute in two instruction cycles.
Note:
For more details on the instruction set,
refer to the Programmer’s Reference
Manual.
TABLE 18-1:
SYMBOLS USED IN OPCODE DESCRIPTIONS
Field
Description
#text
Means literal defined by “text”
(text)
Means “content of text”
[text]
Means “the location addressed by text”
{ }
Optional field or operation
<n:m>
Register bit field
.b
Byte mode selection
.d
Double-Word mode selection
.S
Shadow register select
.w
Word mode selection (default)
Acc
One of two accumulators {A, B}
AWB
Accumulator write-back destination address register
∈ {W13, [W13]+=2}
bit4
4-bit bit selection field (used in word addressed instructions)
∈ {0...15}
C, DC, N, OV, Z
MCU Status bits: Carry, Digit Carry, Negative, Overflow, Sticky Zero
Expr
Absolute address, label or expression (resolved by the linker)
f
File register address
∈ {0x0000...0x1FFF}
lit1
1-bit unsigned literal
∈ {0,1}
lit4
4-bit unsigned literal
∈ {0...15}
lit5
5-bit unsigned literal
∈ {0...31}
lit8
8-bit unsigned literal
∈ {0...255}
lit10
10-bit unsigned literal
∈ {0...255} for Byte mode, {0:1023} for Word mode
lit14
14-bit unsigned literal
∈ {0...16384}
lit16
16-bit unsigned literal
∈ {0...65535}
lit23
23-bit unsigned literal
∈ {0...8388608}; LSB must be 0
None
Field does not require an entry, may be blank
OA, OB, SA, SB
DSP Status bits: ACCA Overflow, ACCB Overflow, ACCA Saturate, ACCB Saturate
PC
Program Counter
Slit10
10-bit signed literal
∈ {-512...511}
Slit16
16-bit signed literal
∈ {-32768...32767}
Slit6
6-bit signed literal
∈ {-16...16}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com